Electronic Components Datasheet Search
  English  ▼

X  

AD632ADZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD632ADZ
Description  Internally Trimmed Precision IC Multiplier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD632ADZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD632ADZ Datasheet HTML 3Page - Analog Devices AD632ADZ Datasheet HTML 4Page - Analog Devices AD632ADZ Datasheet HTML 5Page - Analog Devices AD632ADZ Datasheet HTML 6Page - Analog Devices AD632ADZ Datasheet HTML 7Page - Analog Devices AD632ADZ Datasheet HTML 8Page - Analog Devices AD632ADZ Datasheet HTML 9Page - Analog Devices AD632ADZ Datasheet HTML 10Page - Analog Devices AD632ADZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AD632
Data Sheet
Rev. D | Page 6 of 12
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration, H-Package, TO-100
Figure 3. Pin Configuration, D-Package, SBDIP
Table 3. Pin Function Descriptions, 10-Pin TO-100
Pin No.
Mnemonic
Description
1
Y1
Y Multiplicand Noninverting Input.
2
+VS
Positive Supply Voltage.
3
Z1
Summing Node Noninverting Input.
4
OUT
Product.
5
−VS
Negative Supply Voltage.
6
X1
X Multiplicand Noninverting Input.
7
X2
X Multiplicand Inverting Input.
8
Z2
Summing Node Inverting Input.
9
VOS
Offset Voltage Adjustment.
10
Y2
Y Multiplicand Inverting Input.
Table 4. Pin Function Descriptions, 14-Lead SBDIP
Pin No.
Mnemonic
Description
1
Z1
Summing Node Noninverting Input.
2
OUT
Product.
3
−VS
Negative Supply Voltage.
4, 5, 6, 8
NC
No Connection. Do not connect to
this pin.
7
X1
X Multiplicand Noninverting Input.
9
X2
X Multiplicand Noninverting Input.
10
Z2
Summing Node Inverting Input.
11
VOS
Offset Voltage Adjustment.
12
Y2
Y Multiplicand Inverting Input.
13
Y1
Y Multiplicand Noninverting Input.
14
+VS
Positive Supply Voltage.
VOS
Z2 (GND)
Y2
–VS
Z1
OUT
+VS
Y1
X2
X1
6
7
8
9
10
3
4
2
1
5
(Not to Scale)
AD632
1
2
3
4
+VS
14
Y1
13
Y2
12
VOS
11
5
Z2
10
6
X2
9
Z1
OUT
–VS
NC
NC
NC
X1 7
NC
8
NC = NO CONNECT
AD632
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com