Electronic Components Datasheet Search
  English  ▼

X  

AD632ADZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD632ADZ
Description  Internally Trimmed Precision IC Multiplier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD632ADZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD632ADZ Datasheet HTML 5Page - Analog Devices AD632ADZ Datasheet HTML 6Page - Analog Devices AD632ADZ Datasheet HTML 7Page - Analog Devices AD632ADZ Datasheet HTML 8Page - Analog Devices AD632ADZ Datasheet HTML 9Page - Analog Devices AD632ADZ Datasheet HTML 10Page - Analog Devices AD632ADZ Datasheet HTML 11Page - Analog Devices AD632ADZ Datasheet HTML 12Page - Analog Devices AD632ADZ Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AD632
Data Sheet
Rev. D | Page 10 of 12
OUTLINE DIMENSIONS
Figure 10. 14-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
(D-14)
Dimensions shown in inches and (millimeters)
Figure 11. 10-Pin Metal Header Package [TO-100]
(H-10)
Dimensions shown in inches and (millimeters)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
14
1
7
8
0.310 (7.87)
0.220 (5.59)
PIN 1
0.080 (2.03) MAX
0.005 (0.13) MIN
SEATING
PLANE
0.023 (0.58)
0.014 (0.36)
0.060 (1.52)
0.015 (0.38)
0.200 (5.08)
MAX
0.200 (5.08)
0.125 (3.18)
0.070 (1.78)
0.030 (0.76)
0.100 (2.54)
BSC
0.150
(3.81)
MIN
0.765 (19.43) MAX
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
DIMENSIONS PER JEDEC STANDARDS MO-006-AF
0.500 (12.70)
MIN
0.185 (4.70)
0.165 (4.19)
REFERENCE PLANE
0.050 (1.27) MAX
0.040 (1.02) MAX
0.021 (0.53)
0.016 (0.40)
1
0.034 (0.86)
0.025 (0.64)
0.045 (1.14)
0.025 (0.65)
0.160 (4.06)
0.110 (2.79)
6
2
8
7
5
4
3
0.115
(2.92)
BSC
9
10
0.230 (5.84)
BSC
BASE & SEATING PLANE
36° BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com