Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD1852EBZ Datasheet(PDF) 16 Page - Analog Devices

Part # EVAL-AD1852EBZ
Description  Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD1852EBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button EVAL-AD1852EBZ Datasheet HTML 12Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 13Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 14Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 15Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD1852EBZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD1852
Rev. A | Page 16 of 20
U1
AD1852JRS
96/48
192/48
NC
SDATA
LRCLK
BCLK
MCLK
IDPM0
IDPM1
DEEMP
MUTE
CLATCH
CCLK
CDATA
ZEROR
ZEROL
RESET DGND
AGND
OUTL+
OUTL–
OUTR+
OUTR–
FILTB
AVDD
DVDD
C9
220pF
NP0
R9
1.96kΩ
R11
1.96kΩ
C10
220pF
NP0
R16
1.87kΩ
R10
1.96kΩ
R20
200Ω
J11
LEFT
OUT
C15
10nF
NP0
U3B
SSM2135
R8
1.96kΩ
C14
1nF
NP0
R17
1.87kΩ
C13
1nF
NP0
C11
220pF
NP0
R13
1.96kΩ
R15
1.96kΩ
C12
220pF
NP0
R18
1.87kΩ
R14
1.96kΩ
R21
200Ω
J21
RIGHT
OUT
C18
10nF
NP0
U3A
SSM2135
R12
1.96kΩ
C17
1nF
NP0
R19
1.87kΩ
C16
1nF
NP0
C5
100nF
+AVCC
–AVCC
C6
100nF
3RD ORDER LP BESSEL FILTER
CORNER FREQUENCY: 75kHz
GROUP DELAY: ~3.5µs
CLATCH
CCLK
CDATA
ZR
ZL
RESET
U2A
HC04
U2B
HC04
AGND
FB1
600Z
FILTR
C8
10µF
C1
100nF
C7
10µF
CR1
ZERO
LEFT
C4
100nF
CR2
ZERO
RIGHT
R6
221Ω
R7
221Ω
1
3
2
4
C3
100nF
DVDD
C2
100nF
AVDD
MUTE
DEEMP
BCLK
MCLK
SDATA
LRCLK
R4
10kΩ
R5
10kΩ
DVDD
I/F
MODE
JP21
I/F MODE IDPM1 IDPM0
RJ, 16-BIT
0
0
I2S0
1
RJ, 20-BIT
1
0
RJ, 24-BIT
1
1
DGND
JP11
MCLK/SR SEL
R3
10kΩ
R2
10kΩ
R1
10kΩ
DVDD
AD1852 STEREO DAC
OUTPUT BUFFERS AND LP FILTERS
ZL
ZR
MCLK/SR SELECT
SELECT
RATE
192/48 96/48
SPDIF
44.1kHz TO 48kHz
0
0
DIRECT
88.2kHz TO 96kHz
0
1
DIRECT
176.4kHz TO 192kHz
1
0
Figure 29. DAC, Output Buffers, and LP Filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com