Electronic Components Datasheet Search
  English  ▼

X  

AD1933YSTZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD1933YSTZ
Description  8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1933YSTZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1933YSTZ Datasheet HTML 7Page - Analog Devices AD1933YSTZ Datasheet HTML 8Page - Analog Devices AD1933YSTZ Datasheet HTML 9Page - Analog Devices AD1933YSTZ Datasheet HTML 10Page - Analog Devices AD1933YSTZ Datasheet HTML 11Page - Analog Devices AD1933YSTZ Datasheet HTML 12Page - Analog Devices AD1933YSTZ Datasheet HTML 13Page - Analog Devices AD1933YSTZ Datasheet HTML 14Page - Analog Devices AD1933YSTZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD1933
Rev. E | Page 11 of 28
THEORY OF OPERATION
DIGITAL-TO-ANALOG CONVERTERS (DACs)
The AD1933 DAC channels are arranged as differential,
four stereo pairs giving eight analog outputs for minimum
external components. The DACs include on-board digital
reconstruction filters with 70 dB stop-band attenuation and
linear phase response, operating at an oversampling ratio of
4 (48 kHz or 96 kHz modes) or 2 (192 kHz mode). Each
channel has its own independently programmable attenuator,
adjustable in 255 steps in increments of 0.375 dB. Digital inputs
are supplied through four serial data input pins (one for each
stereo pair) and a common frame clock (DLRCLK) and bit
clock (DBCLK). Alternatively, one of the TDM modes can be
used to access up to 16 channels on a single TDM data line.
Each output pin has a nominal common-mode dc level of 1.5 V
and swings ±1.27 V for a 0 dBFS digital input signal. A third-
order, external, low-pass filter is recommended to remove high
frequency noise present on the output pins. The use of op amps
with low slew rates or low bandwidths can cause high frequency
noise and tones to fold down into the audio band; therefore,
exercise care in selecting these components.
The voltage at CM, the common-mode reference pin, can be
used to bias the external op amps that buffer the output signals
(see the Power Supply and Voltage Reference section).
CLOCK SIGNALS
The on-chip, phase-locked loop (PLL) can be selected to
reference the input sample rate from either of the LRCLK pins
or 256, 384, 512, or 768 times the sample rate, referenced to the
48 kHz mode from the MCLKI/XI pin. The default at power-up
is 256 × fS from MCLKI/XI pin. In 96 kHz mode, the master
clock frequency stays at the same absolute frequency; therefore,
the actual multiplication rate is divided by 2. In 192 kHz mode,
the actual multiplication rate is divided by 4. For example, if a
device in the AD1933 family is programmed in 256 × fS mode, the
frequency of the master clock input is 256 × 48 kHz = 12.288 MHz.
If the AD1933 is then switched to 96 kHz operation (by writing
to the SPI port), the frequency of the master clock should
remain at 12.288 MHz, which becomes 128 × fS. In 192 kHz
mode, this becomes 64 × fS.
The internal clock for the DACs varies by mode: 512 × fS (48 kHz
mode), 256 × fS (96 kHz mode), or 128 × fS (192 kHz mode). By
default, the on-board PLL generates this internal master clock
from an external clock. A direct 512 × fS (referenced to 48 kHz
mode) master clock can be used for DACs if selected in the PLL
and Clock Control 1 register.
The PLL can be powered down in the PLL and Clock Control 0
register. To ensure reliable locking when changing PLL modes,
or if the reference clock is unstable at power-on, power down
the PLL and power it back up when the reference clock has
stabilized.
The internal master clock can be disabled in the PLL and Clock
Control 0 register to reduce power dissipation when the AD1933
is idle. The clock should be stable before it is enabled. Unless a
standalone mode is selected (see the Serial Control Port section),
the clock is disabled by reset and must be enabled by writing to
the SPI port for normal operation.
To maintain the highest performance possible, limit the clock
jitter of the internal master clock signal to less than a 300 ps rms
time interval error (TIE). Even at these levels, extra noise or
tones can appear in the DAC outputs if the jitter spectrum
contains large spectral peaks. If the internal PLL is not used, it
is highly recommended that an independent crystal oscillator
generate the master clock. In addition, it is especially important
that the clock signal not be passed through an FPGA, CPLD, or
other large digital chip (such as a DSP) before being applied to
the AD1933. In most cases, this induces clock jitter due to the
sharing of common power and ground connections with other
unrelated digital output signals. When the PLL is used, jitter in
the reference clock is attenuated above a certain frequency
depending on the loop filter.
RESET AND POWER-DOWN
The function of the RST pin sets all the control registers to their
default settings. To avoid pops, reset does not power down the
analog outputs. After RST is deasserted, and the PLL acquires
lock condition, an initialization routine runs inside the
AD1933. This initialization lasts for approximately 256 master
clock cycles.
The power-down bits in the PLL and Clock Control 0 and DAC
Control 1 registers power down the respective sections. All
other register settings are retained. To guarantee proper startup,
the RST pin should be pulled low by an external resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com