Electronic Components Datasheet Search
  English  ▼

X  

AD1933YSTZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD1933YSTZ
Description  8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1933YSTZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD1933YSTZ Datasheet HTML 14Page - Analog Devices AD1933YSTZ Datasheet HTML 15Page - Analog Devices AD1933YSTZ Datasheet HTML 16Page - Analog Devices AD1933YSTZ Datasheet HTML 17Page - Analog Devices AD1933YSTZ Datasheet HTML 18Page - Analog Devices AD1933YSTZ Datasheet HTML 19Page - Analog Devices AD1933YSTZ Datasheet HTML 20Page - Analog Devices AD1933YSTZ Datasheet HTML 21Page - Analog Devices AD1933YSTZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD1933
Data Sheet
Rev. E | Page 18 of 28
Table 12. Pin Function Changes in TDM-AUX Mode (Replication of Table 11)
Pin Name
Stereo Modes
TDM Modes
AUX Modes
AUXDATA1
Not Used (Float)
Not Used (Float)
AUX Data Out 1 (to External DAC 1)
DSDATA1
DAC 1 Data In
DAC TDM Data In
TDM Data In
DSDATA2
DAC 2 Data In
DAC TDM Data Out
Not Used (Ground)
DSDATA3
DAC 3 Data In
DAC TDM Data In 2 (Dual-Line Mode)
Not Used (Ground)
DSDATA4
DAC 4 Data In
DAC TDM Data Out 2 (Dual-Line Mode)
AUX Data Out 2 (to External DAC 2)
AUXTDMLRCLK
Not Used (Ground)
Not Used (Ground)
TDM Frame Sync In/TDM Frame Sync Out
AUXTDMBCLK
Not Used (Ground)
Not Used (Ground)
TDM BCLK In/TDM BCLK Out
DLRCLK
DAC LRCLK In/DAC LRCLK Out
DAC TDM Frame Sync In/DAC TDM Frame Sync Out
AUX LRCLK In/AUX LRCLK Out
DBCLK
DAC BCLK In/DAC BCLK Out
DAC TDM BCLK In/DAC TDM BCLK Out
AUX BCLK In/AUX BCLK Out
AUX
DAC 1
AUX
DAC 2
LRCLK
BCLK
DATA
MCLK
LRCLK
BCLK
DATA
MCLK
30MHz
12.288MHz
SHARC IS RUNNING IN SLAVE MODE
(INTERRUPT-DRIVEN)
SHARC
AD1933
TDM MASTER
AUX MASTER
AUXDATA1
DSDATA4
DBCLK
DLRCLK
DSDATA2
DSDATA3
MCLKI/XI
AUXTDMLRCLK
AUXTDMBCLK
DSDATA1
Figure 18. Example of AUX Mode Connection to SHARC® (AD1933 as TDM Master/AUX Master Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com