Electronic Components Datasheet Search
  English  ▼

X  

LT1780 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1780
Description  Low Power 5V RS232 Dual Driver/Receiver with
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1780 Datasheet(HTML) 3 Page - Linear Technology

  LT1780 Datasheet HTML 1Page - Linear Technology LT1780 Datasheet HTML 2Page - Linear Technology LT1780 Datasheet HTML 3Page - Linear Technology LT1780 Datasheet HTML 4Page - Linear Technology LT1780 Datasheet HTML 5Page - Linear Technology LT1780 Datasheet HTML 6Page - Linear Technology LT1780 Datasheet HTML 7Page - Linear Technology LT1780 Datasheet HTML 8Page - Linear Technology LT1780 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1780/LT1781
ELECTRICAL C
C
HARA TERISTICS (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Logic Input Current
0.8V
≤ VIN ≤ 2.0V
q
520
µA
Output Short-Circuit Current
VOUT = 0V
±717
mA
Output Leakage Current
SHUTDOWN VOUT = ±30V (Note 4)
q
10
100
µA
Data Rate
RL = 3k, CL = 2500pF
120
kBaud
RL = 3k, CL = 1000pF
250
kBaud
Slew Rate
RL = 3k, CL = 51pF
15
30
V/
µs
RL = 3k, CL = 2500pF
4
7
V/
µs
Propagation Delay
Output Transition tHL High-to-Low (Note 5)
0.6
1.3
µs
Output Transition tLH Low-to-High
0.5
1.3
µs
Receiver
Input Voltage Thresholds
Input Low Threshold (VOUT = High)
0.8
1.3
V
Input High Threshold (VOUT = Low)
1.7
2.4
V
Hysteresis
q
0.1
0.4
1
V
Input Resistance
VIN = ±10V
357
k
Ω
Output Leakage Current
SHUTDOWN (Note 4) 0
≤ VOUT ≤ VCC
q
110
µA
Output Voltage
Output Low, IOUT = – 1.6mA
q
0.2
0.4
V
Output High, IOUT = 160µA (VCC = 5V)
q
3.5
4.2
V
Output Short-Circuit Current
Sinking Current, VOUT = VCC
–10
mA
Sourcing Current, VOUT = 0V
10
20
mA
Propagation Delay
Output Transition tHL High-to-Low (Note 6)
250
600
ns
Output Transition tLH Low-to-High
350
600
ns
Note 4: Supply current measurements in SHUTDOWN are performed with
VON/OFF ≤ 0.1V.
Note 5: For driver delay measurements, RL = 3k and CL = 51pF. Trigger
points are set between the driver’s input logic threshold and the output
transition to the zero crossing (tHL = 1.4V to 0V and tLH = 1.4V to 0V).
Note 6: For receiver delay measurements, CL = 51pF. Trigger points are
set between the receiver’s input logic threshold and the output transition
to standard TTL/CMOS logic threshold (tHL = 1.3V to 2.4V and tLH = 1.7V
to 0.8V).
The q denotes specifications which apply over the operating temperature
range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Testing done at VCC = 5V and VON/OFF = 3V, unless otherwise
specified.
Note 3: Supply current is measured as the average over several charge
pump cycles. C + = C – = C1 = C2 = 0.1
µF. All outputs are open, with all
driver inputs tied high.
–20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com