Electronic Components Datasheet Search
  English  ▼

X  

LT1780 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1780
Description  Low Power 5V RS232 Dual Driver/Receiver with
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1780 Datasheet(HTML) 4 Page - Linear Technology

  LT1780 Datasheet HTML 1Page - Linear Technology LT1780 Datasheet HTML 2Page - Linear Technology LT1780 Datasheet HTML 3Page - Linear Technology LT1780 Datasheet HTML 4Page - Linear Technology LT1780 Datasheet HTML 5Page - Linear Technology LT1780 Datasheet HTML 6Page - Linear Technology LT1780 Datasheet HTML 7Page - Linear Technology LT1780 Datasheet HTML 8Page - Linear Technology LT1780 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1780/LT1781
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Receiver Input Thresholds
ON/OFF Thresholds
TEMPERATURE (
°C)
–55
0.50
0.75
1.25
1.50
1.75
3.00
2.25
0
50
75
1780 • G04
1.00
2.50
2.75
2.00
–25
25
100
125
INPUT HIGH
INPUT LOW
DATA RATE (kBAUD)
0
0
10
20
30
40
50
25
50
75
100
1780 • G05
125
150
2 DRIVERS ACTIVE
RL = 3k
CL = 2500pF
Supply Current vs Data Rate
TEMPERATURE (
°C)
–55
2.0
2.5
3.0
25
75
1780 • G06
1.5
1.0
–25
0
50
100
125
0.5
0
ON THRESHOLD
OFF THRESHOLD
Supply Current
TEMPERATURE (
°C)
–55
0
10
25
0
50
75
1780 • G07
5
20
15
–25
25
100
125
2 DRIVERS LOADED RL = 3k
1 DRIVER LOADED RL = 3k
NO LOAD
Driver Output Voltage
Driver Minimum Output Voltage
vs Load Capacitance
Driver Maximum Output Voltage
vs Load Capacitance
LOAD CAPACITANCE (nF)
0
5.0
5.5
6.0
6.5
7.0
7.5
8.0
24
6
8
1780 • G01
10
1357
9
20k BAUD
60k BAUD
120k BAUD
LOAD CAPACITANCE (nF)
0
–7.0
–6.5
–6.0
–5.5
–5.0
–4.5
–4.0
24
6
8
1780 • G02
10
1357
9
120k BAUD
60k BAUD
20k BAUD
TEMPERATURE (
°C)
–55
–10
–8
–4
–2
0
10
4
0
50
75
1780 • G03
–6
6
8
2
–25
25
100
125
OUTPUT HIGH
OUTPUT LOW
RL = 3k
VCC = 5V
VCC = 4.5V
VCC = 5.5V
VCC = 4.5V
VCC = 5V
VCC = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com