Electronic Components Datasheet Search
  English  ▼

X  

TPS2513 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # TPS2513
Description  USB Dedicated Charging Port Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TPS2513 Datasheet(HTML) 5 Page - Diodes Incorporated

  TPS2513 Datasheet HTML 1Page - Diodes Incorporated TPS2513 Datasheet HTML 2Page - Diodes Incorporated TPS2513 Datasheet HTML 3Page - Diodes Incorporated TPS2513 Datasheet HTML 4Page - Diodes Incorporated TPS2513 Datasheet HTML 5Page - Diodes Incorporated TPS2513 Datasheet HTML 6Page - Diodes Incorporated TPS2513 Datasheet HTML 7Page - Diodes Incorporated TPS2513 Datasheet HTML 8Page - Diodes Incorporated TPS2513 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DRIVER
2.7V
VDM1
1.2V
S3
S2
S1
S4
Auto-detect
DP1
DM1
GND
N/C
N/C
IN
UVLO
TPS2514: VDM1 = 2 V
TPS2514A: VDM1 = 2.7 V
DRIVER
2.7V
VDM1
1.2V
S3
S2
S1
S4
Auto-detect
DP1
DM1
GND
2.7V
VDM2
1.2V
S7
S6
S5
S8
Auto-detect
DP2
DM2
IN
UVLO
TPS2513: VDM1 / VDM2= 2 V
TPS2513A: VDM1 / VDM2= 2.7 V
TPS2513, TPS2513A
TPS2514, TPS2514A
www.ti.com
SLVSBY8B – MAY 2013 – REVISED SEPTEMBER 2013
FUNCTIONAL BLOCK DIAGRAM, TPS2513, TPS2513A
SPACER
FUNCTIONAL BLOCK DIAGRAM, TPS2514, TPS2514A
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS2513 TPS2513A TPS2514 TPS2514A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com