Electronic Components Datasheet Search
  English  ▼

X  

TPS2513 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # TPS2513
Description  USB Dedicated Charging Port Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TPS2513 Datasheet(HTML) 1 Page - Diodes Incorporated

  TPS2513 Datasheet HTML 1Page - Diodes Incorporated TPS2513 Datasheet HTML 2Page - Diodes Incorporated TPS2513 Datasheet HTML 3Page - Diodes Incorporated TPS2513 Datasheet HTML 4Page - Diodes Incorporated TPS2513 Datasheet HTML 5Page - Diodes Incorporated TPS2513 Datasheet HTML 6Page - Diodes Incorporated TPS2513 Datasheet HTML 7Page - Diodes Incorporated TPS2513 Datasheet HTML 8Page - Diodes Incorporated TPS2513 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DM1
VBUS
D-
D+
GND
5 V
Power
TPS2513
VBUS
D-
D+
GND
DP1
DM2
DP2
IN
GND
VBUS
GND
TPS2561A
0.12F
DP1
DM1
IN
N/C
GND
N/C
1
2
3
4
5
6
DP1
DM1
IN
DM2
GND
DP2
1
2
3
4
5
6
TPS2513, TPS2513A
TPS2514, TPS2514A
www.ti.com
SLVSBY8B – MAY 2013 – REVISED SEPTEMBER 2013
USB Dedicated Charging Port Controller
Check for Samples: TPS2513, TPS2513A, TPS2514, TPS2514A
1
FEATURES
DESCRIPTION
The devices are USB dedicated charging port (DCP)
•
Supports USB DCP Shorting D+ Line to
controllers. An auto-detect feature monitors USB data
D– Line per USB Battery Charging
line voltage, and automatically provides the correct
Specification, Revision 1.2 (BC1.2)
electrical signatures on the data lines to charge
•
Supports Shorted Mode (Shorting D+ Line to
compliant devices among the following dedicated
D- Line) per Chinese Telecommunication
charging schemes:
Industry Standard YD/T 1591-2009
1. Divider 1 DCP, required to apply 2 V and 2.7 V
•
Supports USB DCP Applying 2.7 V on D+ Line
on the D+ and D– Lines respectively (TPS2513,
TPS2514)
and 2 V on D- line (or USB DCP Applying
2 V on D+ Line and 2.7 V on D– Line)
2. Divider 2 DCP, required to apply 2.7 V and 2 V
(TPS2513, TPS2514)
on the D+ and D– Lines respectively (TPS2513,
TPS2514)
•
Supports USB DCP Applying 2.7 V on D+ Line
3. Divider 3 DCP, required to apply 2.7 V and 2.7 V
and 2.7 V on D- Line (TPS2513A, TPS2514A)
on the D+ and D- Lines respectively (TPS2513A,
•
Supports USB DCP Applying 1.2 V on
TPS2514A)
D+ and D– Lines
4. BC1.2 DCP, required to short the D+ Line to the
•
Automatically Switch D+ and D- Lines
D– Line
Connections for an Attached Device
5. Chinese Telecom Standard YD/T 1591-2009
•
Dual USB Port Controller
Shorted Mode, required to short the D+ Line to
(TPS2513, TPS2513A)
the D– Line
•
Single USB Port Controller
6. 1.2 V on both D+ and D– Lines
(TPS2514, TPS2514A)
•
Operating Range: 4.5 V to 5.5 V
•
Available in SOT23-6 Package
APPLICATIONS
•
Vehicle USB Power Charger
•
AC-DC Adapter with USB Port
•
Other USB Charger
DBV PACKAGE and SIMPLIFIED APPLICATION DIAGRAM
TPS2514, TPS2514A
TPS2513, TPS2513A
DBV (Top View)
DBV (Top View)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2513

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2513 TI1-TPS2513 Datasheet
1Mb / 16P
USB Dedicated Charging Port Controller
TPS2513 TI1-TPS2513 Datasheet
1Mb / 20P
USB Dedicated Charging Port Controller
TPS2513 TI2-TPS2513 Datasheet
1Mb / 24P
TPS251xx USB Dedicated Charging Port Controller
REVISED JUNE 2020
TPS2513A TI1-TPS2513A Datasheet
1Mb / 20P
USB Dedicated Charging Port Controller
TPS2513A TI1-TPS2513A Datasheet
1Mb / 22P
USB Dedicated Charging Port Controller
More results

Similar Description - TPS2513

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2513 TI1-TPS2513 Datasheet
1Mb / 16P
USB Dedicated Charging Port Controller
TPS2513 TI1-TPS2513_15 Datasheet
1Mb / 20P
USB Dedicated Charging Port Controller
TPS2513A-Q1 TI1-TPS2513A-Q1 Datasheet
1Mb / 22P
USB Dedicated Charging Port Controller
logo
SHANGHAI BELLING CO., L...
BL2513A BELLING-BL2513A Datasheet
524Kb / 12P
USB dedicated charging port (DCP) controller
logo
uPI Group Inc.
UP7102 UPI-UP7102 Datasheet
97Kb / 9P
USB Dedicated Charging Port Controller
UP7103 UPI-UP7103 Datasheet
86Kb / 9P
USB Dedicated Charging Port Controller
UP7104 UPI-UP7104 Datasheet
586Kb / 11P
USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
USB dedicated charging port controller
HM1522 HMSEMI-HM1522 Datasheet
571Kb / 11P
USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
USB dedicated charging port controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com