Electronic Components Datasheet Search
  English  ▼

X  

EV-AD5443/46/53SDZ Datasheet(PDF) 5 Page - Analog Devices

Part # EV-AD5443/46/53SDZ
Description  8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-AD5443/46/53SDZ Datasheet(HTML) 5 Page - Analog Devices

  EV-AD5443/46/53SDZ Datasheet HTML 1Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 2Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 3Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 4Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 5Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 6Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 7Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 8Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
AD5450/AD5451/AD5452/AD5453
Rev. G | Page 5 of 28
TIMING CHARACTERISTICS
All input signals are specified with tR = tF = 1 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. VDD = 2.5 V to 5.5 V,
VREF = 10 V, temperature range for Y version: −40°C to +125°C. All specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter1
VDD = 2.5 V to 5.5 V
Unit
Description
fSCLK
50
MHz max
Maximum clock frequency
t1
20
ns min
SCLK cycle time
t2
8
ns min
SCLK high time
t3
8
ns min
SCLK low time
t4
8
ns min
SYNC falling edge to SCLK active edge setup time
t5
5
ns min
Data setup time
t6
4.5
ns min
Data hold time
t7
5
ns min
SYNC rising edge to SCLK active edge
t8
30
ns min
Minimum SYNC high time
Update Rate
2.7
MSPS
Consists of cycle time, SYNC high time, data setup, and
output voltage settling time
1
Guaranteed by design and characterization, not subject to production test.
SCLK
SYNC
DIN
DB15
DB0
t7
t3
t2
t6
t5
t4
t8
t1
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com