Electronic Components Datasheet Search
  English  ▼

X  

EV-AD5443/46/53SDZ Datasheet(PDF) 7 Page - Analog Devices

Part # EV-AD5443/46/53SDZ
Description  8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EV-AD5443/46/53SDZ Datasheet(HTML) 7 Page - Analog Devices

Back Button EV-AD5443/46/53SDZ Datasheet HTML 3Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 4Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 5Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 6Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 7Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 8Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 9Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 10Page - Analog Devices EV-AD5443/46/53SDZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
AD5450/AD5451/AD5452/AD5453
Rev. G | Page 7 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
AD5450/
AD5451/
AD5452/
AD5453
RFB 1
VREF 2
VDD 3
SYNC
4
IOUT1
GND
SCLK
SDIN
8
7
6
5
Figure 3. 8-Lead TSOT Pin Configuration
AD5452/
AD5453
IOUT1 1
GND
2
SCLK
3
SDIN
4
RFB
VREF
VDD
SYNC
8
7
6
5
Figure 4. 8-Lead MSOP Pin Configuration
NOTES
1. THE EXPOSED PAD MUST BE
CONNECTED TO GROUND.
TOP VIEW
(Not to Scale)
AD5453
3
SCLK
4
SDIN
1
IOUT1
2
GND
6 VDD
5 SYNC
8 RFB
7 VREF
Figure 5. 8-Lead LFCSP Pin Configuration
Table 4. Pin Function Descriptions
Pin No1
TSOT
MSOP
LFCSP
Mnemonic
Description
1
8
8
RFB
DAC Feedback Resistor. Establish voltage output for the DAC by connecting to external
amplifier output.
2
7
7
VREF
DAC Reference Voltage Input.
3
6
6
VDD
Positive Power Supply Input. These parts can operate from a supply of 2.5 V to 5.5 V.
4
5
5
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. Data is
loaded to the shift register upon the active edge of the following clocks.
5
4
4
SDIN
Serial Data Input. Data is clocked into the 16-bit input register upon the active edge of the serial
clock input. By default, in power-up mode data is clocked into the shift register upon the falling
edge of SCLK. The control bits allow the user to change the active edge to a rising edge.
6
3
3
SCLK
Serial Clock Input. By default, data is clocked into the input shift register upon the falling edge
of the serial clock input. Alternatively, by means of the serial control bits, the device can be
configured such that data is clocked into the shift register upon the rising edge of SCLK.
7
2
2
GND
Ground Pin.
8
1
1
IOUT1
DAC Current Output.
N/A
N/A
EPAD
EPAD
Exposed pad must be connected to ground.
1
N/A = not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com