Electronic Components Datasheet Search
  English  ▼

X  

LTC1703 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1703
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1703 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1703 Datasheet HTML 2Page - Linear Technology LTC1703 Datasheet HTML 3Page - Linear Technology LTC1703 Datasheet HTML 4Page - Linear Technology LTC1703 Datasheet HTML 5Page - Linear Technology LTC1703 Datasheet HTML 6Page - Linear Technology LTC1703 Datasheet HTML 7Page - Linear Technology LTC1703 Datasheet HTML 8Page - Linear Technology LTC1703 Datasheet HTML 9Page - Linear Technology LTC1703 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
LTC1703
1703fa
VID
n pin includes an on-chip 40k
Ω pull-up resistor in
series with a diode (see Block Diagram).
VCC (Pin 18): Power Supply Input. All internal circuits
except the output drivers are powered from this pin. VCC
should be connected to a low noise power supply voltage
between 3V and 7V and should be bypassed to SGND with
at least a 1
µF capacitor in close proximity to the LTC1703.
FB2 (Pin 19): Controller 2 Feedback Input. FB2 should be
connected through a resistor divider network to VOUT2 to
set the ouput voltage. The loop compensation network for
controller 2 also connects to FB2.
COMP2 (Pin 20): Controller 2 Loop Compensation. See
COMP1.
RUN/SS2 (Pin 21): Controller 2 Run/Soft-Start. See RUN/
SS1.
FAULT (Pin 22): Output Overvoltage Fault (Latched). The
FAULT pin is an open-drain output with an internal 10
µA
pull-up. If either regulated output voltage rises more than
15% above its programmed value for more than 25
µs, the
FAULT output will go high and the entire LTC1703 will be
disabled. When FAULT is high, both BG pins will go high,
turning on the bottom MOSFET switches and pulling down
the high output voltage. The LTC1703 will remain latched
in this state until the power is cycled. When FAULT mode
is active, the FAULT pin will be pulled up with an internal
10
µA current source. Tying FAULT directly to SGND will
disable latched FAULT mode and will allow the LTC1703 to
resume normal operation when the overvoltage fault is
removed.
PGND (Pin 23): Power Ground. The BG
n drivers return to
this pin. Connect PGND to a high current ground node in
close proximity to the sources of external MOSFETs, QB1
and QB2, and the VIN and VOUT bypass capacitors.
SW2 (Pin 24): Controller 2 Switching Node. See SW1.
TG2 (Pin 25): Controller 2 Top Gate Drive. See TG1.
BG2 (Pin 26): Controller 2 Bottom Gate Drive. See BG1.
BOOST2 (Pin 27): Controller 2 Top Gate Driver Supply.
See BOOST1.
IMAX2 (Pin 28): Controller 2 Current Limit Set. See IMAX1.
VCC
5V
2k
2000pF
NC
NC
NC
2000pF
2000pF
2000pF
BOOST1
TG1
BG1
SW1
IMAX1
FCB
VID0:4
RUN/SS1
COMP1
FB1
SENSE
LTC1703
BOOST2
TG2
BG2
SW2
IMAX2
FAULT
RUN/SS2
COMP2
FB2
0.1
µF
100
µF
VFB1
VFB2
VFAULT
IBOOST1
ICC
IPVCC
IBOOST2
fOSC
MEASURED
1703 TC
PVCC
GND
PGND
+
2k
Test Circuit 1
PI FU CTIO S
TEST CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com