Electronic Components Datasheet Search
  English  ▼

X  

LTC2970 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2970
Description  Dual I2C Power Supply Monitor and
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2970 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2970 Datasheet HTML 14Page - Linear Technology LTC2970 Datasheet HTML 15Page - Linear Technology LTC2970 Datasheet HTML 16Page - Linear Technology LTC2970 Datasheet HTML 17Page - Linear Technology LTC2970 Datasheet HTML 18Page - Linear Technology LTC2970 Datasheet HTML 19Page - Linear Technology LTC2970 Datasheet HTML 20Page - Linear Technology LTC2970 Datasheet HTML 21Page - Linear Technology LTC2970 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
LTC2970/LTC2970-1
18
29701fc
ADC_MON: ADC Monitoring Mux Control Register – Read/Write
BIT(s)
SYMBOL
OPERATION
b[0]
b[1]
b[2]
b[3]
b[4]
b[5]
b[6]
Adc_mon_vdd
Adc_mon_v12
Adc_mon_ch0_a
Adc_mon_ch0_b
Adc_mon_ch1_a
Adc_mon_ch1_b
Adc_mon_temp
0 = ADC will not convert associated
channel. (Default)
1 = ADC will continuously convert
associated channel.
b[15:7]
Reserved
Always Returns 0
SYNC: Tracking Synchronization Control Register – Read/Write
LTC2970-1 Only
BIT(s)
SYMBOL
OPERATION
b[0]
Sync_track
Write
0 = Do not synchronize.
1 = Synchronize all tracking enabled
registers to the same starting point.
Read
0 = The LTC2970-1 is not synchronized
for tracking (default).
1 = The LTC2970-1 is synchronized for
tracking.
Use of the global address will allow
the synchronization status of multiple
LTC2970-1s to be verified in a single
read; since a one can only be returned
if all LTC2970-1s are synchronized. The
IO_track_start command may then be
issued with the same global address
to begin synchronized tracking across
multiple ICs.
b[15:1]
Reserved
Always Returns 0
OPERATIO
VDD_ADC, V12_ADC, CH0_A_ADC, CH0_B_ADC, CH1_A_ADC,
CH1_B_ADC, and TEMP_ADC: ADC Conversion Result Registers
– Read Only Unless Specified Otherwise
BIT(s)
SYMBOL
OPERATION
b[14:0]
Vdd_adc[14:0]
V12_adc[14:0]
Ch0_a_adc[14:0]
Ch0_b_adc[14:0]
Ch1_a_adc[14:0]
Ch1_b_adc[14:0]
Temp_adc[14:0]
Measured data from ADC conversion.
'h4000 corresponds to negative full-
scale input voltage.
'h0000 corresponds to 0V.
'h3fff corresponds to full-scale input
voltage.
2’s complement format, b[14] = sign.
Read/Write when Io_i2c_adc_wen = 1.
Default value is undefined.
b[15]
Vdd_adc_new
V12_adc_new
Ch0_a_adc_new
Ch0_b_adc_new
Ch1_a_adc_new
Ch1_b_adc_new
Temp_adc_new
1 = The ADC has updated the
associated result register since the last
time the data was read.
0 = Previously read data. (Default)
VDD_OV, V12_OV, CH0_A_OV, CH0_B_OV, CH1_A_OV, CH1_B_
OV: Over Voltage Limit Registers – Read/Write
BIT(s)
SYMBOL
OPERATION
b[14:0]
Vdd_ov[14:0]
V12_ov[14:0]
Ch0_a_ov[14:0]
Ch0_b_ov[14:0]
Ch1_a_ov[14:0]
Ch1_b_ov[14:0]
ADC over-voltage threshold limit.
The associated instantaneous over
voltage fault is asserted if the channel’s
ADC result is greater than this limit.
Code 'h3fff disables OV threshold
detect feature for that channel.
2’s complement format, b[14] = sign.
Default value is undefined.
b[15]
Reserved
Always Returns 0
VDD_UV, V12_UV, CH0_A_UV, CH0_B_UV, CH1_A_UV, CH1_B_
UV: Under Voltage Limit Registers – Read/Write
BIT(s)
SYMBOL
OPERATION
b[14:0]
Vdd_uv[14:0]
V12_uv[14:0]
Ch0_a_uv[14:0]
Ch0_b_uv[14:0]
Ch1_a_uv[14:0]
Ch1_b_uv[14:0]
ADC under-voltage threshold limit.
The associated instantaneous under
voltage fault is asserted if the channel’s
ADC result is greater than this limit.
Code 'h4000 disables UV threshold
detect feature for that channel.
2’s complement format, b[14] = sign.
Default value is undefined.
b[15]
Reserved
Always Returns 0
4. Detailed I2C Command Register Descriptions
(Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com