Electronic Components Datasheet Search
  English  ▼

X  

LTC2970 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2970
Description  Dual I2C Power Supply Monitor and
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2970 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2970 Datasheet HTML 17Page - Linear Technology LTC2970 Datasheet HTML 18Page - Linear Technology LTC2970 Datasheet HTML 19Page - Linear Technology LTC2970 Datasheet HTML 20Page - Linear Technology LTC2970 Datasheet HTML 21Page - Linear Technology LTC2970 Datasheet HTML 22Page - Linear Technology LTC2970 Datasheet HTML 23Page - Linear Technology LTC2970 Datasheet HTML 24Page - Linear Technology LTC2970 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LTC2970/LTC2970-1
21
29701fc
OPERATIO
soft connect failed with an IDAC fault (Fault_chn_a_idac =
1). Recall that a new hard connection requires the previous
value of Chn_a_idac_en = 0.
LTC2970-1 Only: Hard connect requests will be ignored
and the user will not be able to change Chn_a_idac_pol,
Chn_a_idac_con or Chn_a_idac[7:0] if GPIO_CFG is high
and either GPIO_0 or GPIO_1 are high.
LTC2970-1 Only: Hard connect requests will be ignored and
the user will not be able to change Chn_a_idac_pol, Chn_a_
idac_con or Chn_a_idac[7:0] if there is a pending tracking
operation.
7. Programming a Previously Connected IDAC
The LTC2970 IDAC’s may be programmed after they have
been connected with a soft connect or a hard connect
provided a servo operation is not enabled on the associ-
ated channel.
Procedure:
Determine the value for Chn_a_idac[7:0]. The values
‘h00 or ‘hff are allowed, but will trip the IDAC’s fault bit
(Fault_chn_a_idac = 1).
Verify that the IDAC is already connected, and that
Chn_a_idac_con is high.
Ensure that servo mode is not enabled for the channel
being programmed. Chn_a_servo_en must be low. This
requirement prevents the user from interfering with a
previously requested servo operation.
Update the CHn_A_IDAC() register with Chn_a_idac_pol,
Chn_a_idac_con = 1, Chn_a_idac_en = 1, and Chn_a_
idac[7:0].
Note: Care should be taken to preserve the current value
of the Chn_a_idac_pol bit, since the LTC2970 does not
prevent the user from changing this value when writing
to the IDAC control registers.
Rules:
Setting Chn_a_idac_con to zero will not disconnect the
DAC unless Chn_a_idac_en is also set low.
All Hard Connect rules apply.
8. Disconnecting the LTC2970 from the Power Supply
Trim Pin
VOUTn can be placed in a high impedance state simply by
clearing the Chn_a_idac_en bit. In order to minimize the
resulting disturbance to the power supply voltage, the
IDAC code should not be changed from its current value
when clearing the Chn_a_idac_en bit. This is not an issue
if the channel’s associated servo_en bit is high.
Disconnect Procedure:
Update CHn_IDAC() with Chn_a_idac_en set low.
The LTC2970 will immediately disconnect the buffered
IOUTn from VOUTn.
Disconnect Rules:
Clearing Chn_a_idac_con with Chn_a_idac_en high will
not disconnect the IDAC. Only setting Chn_a_idac_en low
will clear Chn_a_idac_con.
LTC2970-1 Only: Chn_a_idac_en may not be changed if
the feedback node connection is configured for tracking.
Tracking is enabled when GPIO_CFG is high and either
GPIO_0 or GPIO_1 are high.
9. Tracking Power Supplies Overview (LTC2970-1
Only)
The LTC2970-1 tracking feature allows the I2C interface
to initiate a controlled power up or power down of two
or more supplies (Figure 2 shows a typical LTC2970-1
application circuit). Multiple LTC2970-1’s with different
addresses may be simultaneously programmed using
the LTC2970 group address and the SYNC() command.
Tracking is enabled when GPIO_CFG is pulled high and
either GPIO_0 or GPIO_1 are high.
10. Tracking Power Supplies On (LTC2970-1 Only)
The LTC2970-1 tracking feature allows the I2C to initiate
a controlled power up of two or more supplies.
Procedure: This procedure describes all the steps neces-
sary to track up two or more power supplies. Steps that
require I2C interaction are prefixed with the required I2C
command function.
Power-up the LTC2970-1 with GPIO_CFG pulled high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com