Electronic Components Datasheet Search
  English  ▼

X  

LTC4061 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4061
Description  Standalone Linear Li-Ion Battery Charger with Thermistor Input
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4061 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4061 Datasheet HTML 4Page - Linear Technology LTC4061 Datasheet HTML 5Page - Linear Technology LTC4061 Datasheet HTML 6Page - Linear Technology LTC4061 Datasheet HTML 7Page - Linear Technology LTC4061 Datasheet HTML 8Page - Linear Technology LTC4061 Datasheet HTML 9Page - Linear Technology LTC4061 Datasheet HTML 10Page - Linear Technology LTC4061 Datasheet HTML 11Page - Linear Technology LTC4061 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC4061

4061fd
block DiagraM
pin FuncTions
resistor, RPROG, to ground. When charging in constant
current mode, this pin servos to 1V. The voltage on this
pin can be used to measure the charge current using the
following formula:
I
V
R
BAT
PROG
PROG
=
• 1000
VCC (Pin 10): Positive Input Supply Voltage. Provides
power to the battery charger. This pin should be bypassed
with a 1µF capacitor.
GND(ExposedPadPin11): Ground. This pin is the back
of the exposed pad package and must be soldered to the
PCB copper for minimal thermal resistance.
–
+
–
+
11
9
8
3
CA
MA
1.2V
2.9V
PROG
IDET
RDET
CTIMER
RPROG
0.1V
TO BAT
0.2V
1V
0.1V
–
+
–
+
C3
C2
LOGIC
TA
TDIE
105°C
SHDN
4061 BD
GND
–
+
VA
BAT
1000
1
1
VCC
1
10
IDETECT
RECHRG
4.1V
TO BAT
EN
3M
SEL
TIMER
COUNTER
OSCILLATOR
NTC
LOGIC
EN
C/5
C/5
C/5
STOP
CHRG
ACPR
3M
5
6
7
C1
ACPR
4
2
HOT COLD DIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com