Electronic Components Datasheet Search
  English  ▼

X  

LTC4061 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4061
Description  Standalone Linear Li-Ion Battery Charger with Thermistor Input
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4061 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4061 Datasheet HTML 12Page - Linear Technology LTC4061 Datasheet HTML 13Page - Linear Technology LTC4061 Datasheet HTML 14Page - Linear Technology LTC4061 Datasheet HTML 15Page - Linear Technology LTC4061 Datasheet HTML 16Page - Linear Technology LTC4061 Datasheet HTML 17Page - Linear Technology LTC4061 Datasheet HTML 18Page - Linear Technology LTC4061 Datasheet HTML 19Page - Linear Technology LTC4061 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC4061

4061fd
It is important to remember that LTC4061 applications do
notneedtobedesignedforworst-casethermalconditions,
since the IC will automatically reduce power dissipation if
the junction temperature reaches approximately 105°C.
Thermistors
The LTC4061 NTC comparator trip points were designed
to work with thermistors whose resistance-temperature
characteristics follow Vishay Dale’s “R-T Curve 1.” The
Vishay NTHS0603N01N1003J is an example of such a
thermistor. However, Vishay Dale has many thermistor
products that follow the “R-T Curve 1” characteristic in a
variety of sizes. Furthermore, any thermistor whose ratio
of RCOLD to RHOT is about 6 also works (Vishay Dale R-T
Curve 1 shows a ratio of RCOLD to RHOT of 3.266/0.5325
= 6.13).
Power conscious designers may want to use thermistors
whose room temperature value is greater than 10k
Ω.
Vishay Dale has a number of values of thermistor from
10k
Ω to 100kΩ that follow the “R-T Curve 1.” Using dif-
ferent R-T curves, such as Vishay Dale “R-T Curve 2,” is
also possible. This curve, combined with LTC4061 internal
thresholds,givestemperaturetrippointsofapproximately
0°C (falling) and 40°C (rising), a delta of 40°C. This delta in
temperature can be moved in either direction by changing
the value of RNOM with respect to RNTC. Increasing RNOM
moves both trip points to lower temperatures. Likewise
a decrease in RNOM with respect to RNTC moves the trip
pointstohighertemperatures.TocalculateRNOMforashift
to lower temperatures, use the following equation:
R
R
R
at
C
NOM
COLD
NTC
=
°
3 266
25
.
•
where RCOLD is the resistance ratio of RNTC at the desired
coldtemperaturetrippoint.Ifyouwanttoshiftthetrippoints
to higher temperatures, use the following equations:
R
R
R
at
C
NOM
HOT
NTC
=
°
0 5325
25
.
•
where RHOT is the resistance ratio of RNTC at the desired
hot temperature trip point.
Here is an example using 10k
Ω R-T Curve 2 thermistor
from Vishay Dale. The difference between the trip points
applicaTions inForMaTion
is 40°C, from before, and we want the cold trip point to
be 0°C, which would put the hot trip point at 40°C. The
RNOM needed is calculated as follows:
R
R
R
at
C
k
NOM
COLD
NTC
=
°
=
=
3 266
25
2 816
3 266
10
8 62
.
•
.
.
•
.
Ω
kk
Ω
The nearest 1% value for RNOM is 8.66kΩ. This is the
value used to bias the NTC thermistor to get cold and hot
trip points of approximately 0°C and 40°C respectively.
To extend the delta between the cold and hot trip points, a
resistor, R1, can be added in series with RNTC. The values
of the resistors are calculated as follows:
R
R
R
R
NOM
COLD
HOT
=
=
–
.
– .
.
.
- .
3 266 0 5325
0 5325
3 266 0 532
1
55


•(
–
) –
R
R
R
COLD
HOT
HOT
where RNOM is the value of the bias resistor, RHOT and
RCOLD are the values of RNTC at the desired temperature
trip points. Continuing the example from before with a
desired hot trip point of 50°C:
R
R
R
k
NOM
COLD
HOT
=
=
–
.
– .
•( .
– .
)
3 266 0 5325
10
2 816 0 4086
3..
– .
.
, .
%
.
266 0 5325
8 8
8 87
1
=
k
k is the nearest
value
Ω
R
k
1 10
0 5325
3 266 0 5325
2 816 0 4086
=


•
.
.
– .
•( .
– .
) – 00 4086
604 604
1
.
,
%
.
=
Ω
is the nearest
value
The final solution is RNOM = 8.87kΩ, R1 = 604Ω and
RNTC = 10kΩ at 25°C.
NTCTripPointError
When a 1% resistor is used for RHOT, the major error
in the 40°C trip point is determined by the tolerance of
the NTC thermistor. A typical 100k
Ω NTC thermistor has
±10% tolerance. By looking up the temperature coef-
ficient of the thermistor at 40°C, the tolerance error can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com