Electronic Components Datasheet Search
  English  ▼

X  

ADG5421 Datasheet(PDF) 12 Page - Analog Devices

Part # ADG5421
Description  High Voltage Latch-Up Proof, Dual SPST Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5421 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG5421 Datasheet HTML 8Page - Analog Devices ADG5421 Datasheet HTML 9Page - Analog Devices ADG5421 Datasheet HTML 10Page - Analog Devices ADG5421 Datasheet HTML 11Page - Analog Devices ADG5421 Datasheet HTML 12Page - Analog Devices ADG5421 Datasheet HTML 13Page - Analog Devices ADG5421 Datasheet HTML 14Page - Analog Devices ADG5421 Datasheet HTML 15Page - Analog Devices ADG5421 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADG5421/ADG5423
Data Sheet
Rev. 0 | Page 12 of 20
Figure 16. Off Isolation vs. Frequency
Figure 17. Crosstalk vs. Frequency
Figure 18. Charge Injection vs. Source Voltage (VS)
Figure 19. THD + N vs. Frequency
Figure 20. Bandwidth
Figure 21. tTRANSITION Times vs. Temperature
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
1k
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
TA = 25°C
VDD = +15V
VSS = –15V
–120
–100
–80
–60
–40
–20
0
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
TA = 25°C
VDD = +15V
VSS = –15V
0
50
100
150
200
250
300
–20
–10
0
10
20
30
40
VS (V)
VDD = 15V, VSS = –15V
VDD = 20V, VSS = –20V
VDD = 12V, VSS = 0V
VDD = 36V, VSS = 0V
TA = 25°C
0
0.01
0.02
0.03
0.04
0.05
0
5
10
15
20
FREQUENCY (kHz)
VDD = 12V, VSS = 0V, VS = 6V p-p
VDD = 36V, VSS = 0V, VS = 18V p-p
VDD = 15V, VSS = –15V, VS = 15V p-p
VDD = 20V, VSS = –20V, VS = 20V p-p
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
–4.5
–5.0
1k
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
TA = 25°C
VDD = +15V
VSS = –15V
0
50
100
150
200
250
300
350
400
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VDD = 12V, VSS = 0V
VDD = 36V, VSS = 0V
VDD = 15V, VSS = –15V
VDD = 20V, VSS = –20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com