Electronic Components Datasheet Search
  English  ▼

X  

ADG5421 Datasheet(PDF) 14 Page - Analog Devices

Part # ADG5421
Description  High Voltage Latch-Up Proof, Dual SPST Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5421 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADG5421 Datasheet HTML 10Page - Analog Devices ADG5421 Datasheet HTML 11Page - Analog Devices ADG5421 Datasheet HTML 12Page - Analog Devices ADG5421 Datasheet HTML 13Page - Analog Devices ADG5421 Datasheet HTML 14Page - Analog Devices ADG5421 Datasheet HTML 15Page - Analog Devices ADG5421 Datasheet HTML 16Page - Analog Devices ADG5421 Datasheet HTML 17Page - Analog Devices ADG5421 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADG5421/ADG5423
Data Sheet
Rev. 0 | Page 14 of 20
Figure 28. Channel-to-Channel Crosstalk
Figure 29. Switching Times, tON and tOFF
Figure 30. Charge Injection
Figure 31. Break-Before-Make Time Delay
CHANNEL-TO-CHANNEL CROSSTALK = 20 log
VOUT
GND
S1
Dx
S2
VOUT
NETWORK
ANALYZER
RL
50Ω
R
50Ω
VS
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
VS
INx
Sx
Dx
GND
RL
300Ω
CL
35pF
VOUT
VDD
VSS
0.1µF
VDD
0.1µF
VSS
ADG5421
ADG5423
VIN
VIN
VOUT
tON
tOFF
50%
50%
90%
90%
50%
50%
INx
VOUT
ADG5421
ADG5423
VIN
VIN
VOUT
OFF
∆VOUT
ON
QINJ = CL × ∆VOUT
Sx
Dx
VDD
VSS
VDD
VSS
VS
RS
GND
CL
1nF
VS2
IN1,
IN2
S2
D2
VS1
S1
D1
GND
RL
300Ω
CL
35pF
VOUT2
VOUT1
VDD
VSS
0.1µF
VDD
0.1µF
VSS
VIN
VOUT1
VOUT2
ADG5423
tD
tD
50%
50%
80%
80%
80%
80%
0V
0V
0V
RL
300Ω
CL
35pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com