Electronic Components Datasheet Search
  English  ▼

X  

DAC8512FP Datasheet(PDF) 8 Page - Analog Devices

Part # DAC8512FP
Description  5 V, Serial Input Complete 12-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8512FP Datasheet(HTML) 8 Page - Analog Devices

Back Button DAC8512FP Datasheet HTML 4Page - Analog Devices DAC8512FP Datasheet HTML 5Page - Analog Devices DAC8512FP Datasheet HTML 6Page - Analog Devices DAC8512FP Datasheet HTML 7Page - Analog Devices DAC8512FP Datasheet HTML 8Page - Analog Devices DAC8512FP Datasheet HTML 9Page - Analog Devices DAC8512FP Datasheet HTML 10Page - Analog Devices DAC8512FP Datasheet HTML 11Page - Analog Devices DAC8512FP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DAC8512 — Typical Performance Characteristics
REV. A
–8–
0
5
V
DD = +5V
T
A = +25 C
R
L = NO LOAD
TIME – 10
µs/DIV
Figure 15. Fall Time Detail
4.115
4.075
125
4.085
4.080
–25
–50
4.095
4.090
4.100
4.105
4.110
100
75
50
25
0
TEMPERATURE – C
V
DD = +5V
NO LOAD
SS = 300 PCS
AVG – 3
σ
AVG + 3
σ
AVG
Figure 18. Full-Scale Voltage vs.
Temperature
5
–5
1200
–2
–4
200
–3
0
1
–1
0
2
3
4
1000
600
800
400
HOURS OF OPERATION AT +125 C
135 UNITS TESTED
READINGS NORMALIZED
TO ZERO HOUR TIME POINT
AVERAGE
Figure 21. Long Term Drift Acceler-
ated by Burn-In
0
5
16
µs
V
DD = +5V
T
A = +25 C
R
L = NO LOAD
TIME – 10
µs/DIV
Figure 14. Rise Time Detail
60
0
TOTAL UNADJUSTED ERROR – mV
0
10
–12
30
20
40
50
+12
+4
0
–4
–8
+8
TUE =
∑INL + ZS + FS
SS = 300 UNITS
TA = +25 C
Figure 17. Total Unadjusted Error
Histogram
10
0.1
0.01
10
100
100k
10k
1k
1
FREQUENCY – Hz
V
DD
= +5V
T
A
= +25 C
DATA = FFF
H
Figure 20. Output Voltage Noise vs.
Frequency
2.0
–2.0
4096
–1.0
–1.5
512
0
0.0
–0.5
0.5
1.0
1.5
3584
3072
2560
2048
1536
1024
DIGITAL INPUT CODE – Decimal
V
DD
= +5V
T
A
= –40 C, +25 C, +85 C
+25 C & +85 C
–40 C
Figure 16. Linearity Error vs. Digital
Code
3
–1
125
0
–25
–50
1
2
100
75
50
25
0
TEMPERATURE – C
DATA = 000
H
NO LOAD
V
DD = +5.0V
Figure 19. Zero-Scale Voltage vs.
Temperature
4
0
125
1
–25
–50
2
3
100
75
50
25
0
TEMPERATURE – C
V
LOGIC = 2.4V
DATA = FFF
H
NO LOAD
V
DD = +4.75V
V
DD = +5.25V
V
DD = +5.0V
Figure 22. Supply Current vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com