Electronic Components Datasheet Search
  English  ▼

X  

DAC8512FP Datasheet(PDF) 20 Page - Analog Devices

Part # DAC8512FP
Description  5 V, Serial Input Complete 12-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8512FP Datasheet(HTML) 20 Page - Analog Devices

Back Button DAC8512FP Datasheet HTML 12Page - Analog Devices DAC8512FP Datasheet HTML 13Page - Analog Devices DAC8512FP Datasheet HTML 14Page - Analog Devices DAC8512FP Datasheet HTML 15Page - Analog Devices DAC8512FP Datasheet HTML 16Page - Analog Devices DAC8512FP Datasheet HTML 17Page - Analog Devices DAC8512FP Datasheet HTML 18Page - Analog Devices DAC8512FP Datasheet HTML 19Page - Analog Devices DAC8512FP Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
DAC8512
–20–
REV. A
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Pin Plastic DIP (P Suffix)
0.160 (4.06)
0.115 (2.93)
0.430 (10.92)
0.348 (8.84)
0.280 (7.11)
0.240 (6.10)
0.070 (1.77)
0.045 (1.15)
0.022 (0.558)
0.014 (0.356)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
0.130
(3.30)
MIN
0.210
(5.33)
MAX
0.015
(0.381) TYP
4
5
8
1
0
°- 15°
0.100
(2.54)
BSC
SEATING
PLANE
8-Pin Cerdip (Z Suffix)
0.005 (0.13) MIN
0.055 (1.4) MAX
0.405 (10.29) MAX
0.150
(3.81)
MIN
0.200
(5.08)
MAX
0.070 (1.78)
0.030 (0.76)
0.200 (5.08)
0.125 (3.18)
0.023 (0.58)
0.014 (0.36)
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
0.060 (1.52)
0.015 (0.38)
0
°-15°
0.100 (2.54)
BSC
SEATING PLANE
4
1
5
8
0.310 (7.87)
0.220 (5.59)
8-Lead SOIC (S Suffix)
SEATING
PLANE
SEE DETAIL
ABOVE
4
5
8
1
0.0688 (1.75)
0.0532 (1.35)
0.0098 (0.25)
0.0075 (0.19)
0.1574 (4.00)
0.1497 (3.80)
0.2440 (6.20)
0.2284 (5.80)
0.1968 (5.00)
0.1890 (4.80)
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0040 (0.10)
× 45°
0.0196 (0.50)
0.0099 (0.25)
0.0500 (1.27)
0.0160 (0.41)
PIN 1
0
°- 8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com