Electronic Components Datasheet Search
  English  ▼

X  

476KXM050M Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 476KXM050M
Description  RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

476KXM050M Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  476KXM050M Datasheet HTML 1Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 2Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 3Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 4Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 5Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 6Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 7Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 8Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MRF6VP2600HR6
3
RF Device Data
Freescale Semiconductor
Figure 2. MRF6VP2600HR6 Test Circuit Schematic
Z13, Z14
0.224″ x 0.253″ Microstrip
Z15*, Z16*
0.095″ x 0.253″ Microstrip
Z17, Z18
0.052″ x 0.253″ Microstrip
Z19
0.053″ x 0.080″ Microstrip
Z20
1.062″ x 0.080″ Microstrip
PCB
Arlon CuClad 250GX--0300--55--22, 0.030″, εr =2.55
* Line length includes microstrip bends
Z1
1.049″ x 0.080″ Microstrip
Z2*
0.143″ x 0.080″ Microstrip
Z3*
0.188″ x 0.080″ Microstrip
Z4
0.192″ x 0.133″ Microstrip
Z5, Z6
0.418″ x 0.193″ Microstrip
Z7, Z8
0.217″ x 0.518″ Microstrip
Z9, Z10
0.200″ x 0.518″ Microstrip
Z11, Z12
0.375″ x 0.214″ Microstrip
VBIAS
C15
+
VSUPPLY
+
C16
C14
+
B1
C13
C12 C11
C9
C8
C7
C10
L3
C6
Z1
RF
INPUT
Z2
C2
Z3
Z5
Z7
Z6
Z8
Z9
Z11
Z10 Z12
Z13
Z14
C3
Z15
Z16
C4
Z17
Z18
RF
OUTPUT
Z20
C5
Z19
+
C25
+
C24
+
C23
C20 C21 C22
C19
C18
L4
R1
T1
T2
DUT
J1
J2
L2
C1
L1
Z4
C17
Table 5. MRF6VP2600HR6 Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
B1
95 Ω, 100 MHz Long Ferrite Bead
2743021447
Fair--Rite
C1
47 pF Chip Capacitor
ATC100B470JT500XT
ATC
C2, C4
43 pF Chip Capacitors
ATC100B430JT500XT
ATC
C3
100 pF Chip Capacitor
ATC100B101JT500XT
ATC
C5
10 pF Chip Capacitor
ATC100B7R5CT500XT
ATC
C6, C9
2.2 μF, 50 V Chip Capacitors
C1825C225J5RAC
Kemet
C7, C13, C20
10K pF Chip Capacitors
ATC200B103KT50XT
ATC
C8
220 nF, 50 V Chip Capacitor
C1812C224J5RAC
Kemet
C10, C17, C18
1000 pF Chip Capacitors
ATC100B102JT50XT
ATC
C11, C22
0.1 μF, 50 V Chip Capacitors
CDR33BX104AKYS
Kemet
C12, C21
20K pF Chip Capacitors
ATC200B203KT50XT
ATC
C14
10 μF, 35 V Tantalum Capacitor
T491D106K035AT
Kemet
C15
22 μF, 35 V Tantalum Capacitor
T491X226K035AT
Kemet
C16
47 μF, 50 V Electrolytic Capacitor
476KXM050M
Illinois Cap
C19
2.2 μF, Chip Capacitor
2225X7R225KT3AB
ATC
C23, C24, C25
470 μF 63V Electrolytic Capacitors
MCGPR63V477M13X26--RH
Multicomp
J1, J2
Jumpers from PCB to T1 & T2
Copper Foil
L1
17.5 nH, 6 Turn Inductor
B06T
CoilCraft
L2
8 Turn, #20 AWG ID = 0.125″ Inductor, Hand Wound
Copper Wire
L3
82 nH, Inductor
1812SMS--82NJ
CoilCraft
L4*
9 Turn, #18 AWG Inductor, Hand Wound
Copper Wire
R1
20 Ω, 3 W Axial Leaded Resistor
5093NW20R00J
Vishay
T1
Balun
TUI--9
Comm Concepts
T2
Balun
TUO--4
Comm Concepts
*L4 is wrapped around R1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com