Electronic Components Datasheet Search
  English  ▼

X  

476KXM050M Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 476KXM050M
Description  RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

476KXM050M Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 476KXM050M Datasheet HTML 3Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 4Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 5Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 6Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 7Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 8Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 9Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 10Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MRF6VP2600HR6
7
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS — OFDM
12
0.0001
100
0
PEAK--TO--AVERAGE (dB)
Figure 14. Single--Carrier DVB--T OFDM
10
1
0.1
0.01
0.001
24
6
8
8K Mode DVB--T OFDM
64 QAM Data Carrier Modulation
5 Symbols
5
--20
--5
7.61 MHz
f, FREQUENCY (MHz)
Figure 15. 8K Mode DVB--T OFDM Spectrum
--30
--40
--50
--90
--70
--80
--100
--110
--60
--4
--3
--2
--1
0
1
2
3
4
4kHz BW
10
ACPR Measured at 4 MHz Offset
from Center Frequency
Figure 16. Single--Carrier DVB--T OFDM Power
Gain versus Output Power
25.8
30
IDQ = 2600 mA
Pout, OUTPUT POWER (WATTS) AVG.
25.6
100
200
2300 mA
VDD = 50 Vdc, f = 225 MHz
8K Mode OFDM, 64 QAM Data Carrier
Modulation, 5 Symbols
25.4
25.2
25
24.8
24.4
24.2
24.6
2000 mA
1800 mA
1300 mA
Figure 17. Single--Carrier DVB--T OFDM ACPR
versus Output Power
--68
--56
20
Pout, OUTPUT POWER (WATTS) AVG.
--58
100
200
--60
VDD = 50 Vdc, f = 225 MHz
8K Mode OFDM, 64 QAM Data Carrier
Modulation, 5 Symbols
--62
IDQ = 1300 mA
2300 mA
2000 mA
1800 mA
2600 mA
--64
--66
Figure 18. Single--Carrier DVB--T OFDM ACPR Power
Gain and Drain Efficiency versus Output Power
15
--68
Pout, OUTPUT POWER (WATTS) AVG.
45
--56
30
20
--58
30
--62
40
400
35
25
--60
100
--64
--66
ηD
25_C
TC =--30_C
85_C
Gps
ACPR
25_C
85_C
--30_C
VDD =50 Vdc,IDQ = 2600 MHz
f = 225 MHz, 8K Mode OFDM
64 QAM Data Carrier Modulation
5 Symbols
4kHz BW
8K Mode DVB--T OFDM
64 QAM Data Carrier Modulation, 5 Symbols



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com