Electronic Components Datasheet Search
  English  ▼

X  

TAS5630B Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5630B
Description  300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5630B Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS5630B Datasheet HTML 24Page - Texas Instruments TAS5630B Datasheet HTML 25Page - Texas Instruments TAS5630B Datasheet HTML 26Page - Texas Instruments TAS5630B Datasheet HTML 27Page - Texas Instruments TAS5630B Datasheet HTML 28Page - Texas Instruments TAS5630B Datasheet HTML 29Page - Texas Instruments TAS5630B Datasheet HTML 30Page - Texas Instruments TAS5630B Datasheet HTML 31Page - Texas Instruments TAS5630B Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
TAS5630B
SLES217C – NOVEMBER 2010 – REVISED SEPTEMBER 2012
www.ti.com
REVISION HISTORY
Changes from Original (November 2010) to Revision A
Page
•
Changed Title From: 600-W MONO To 400-W MONO ........................................................................................................ 1
•
Changed Feature From: 600 W per Channel in Mono PBTL Configuration To: 400 W per Channel in Mono PBTL
Configuration ......................................................................................................................................................................... 1
•
Changed the Pin One Location Package image ................................................................................................................... 2
•
Replaced the PACKAGE HEAT DISSIPATION RATINGS table with the THERMAL INFORMATION table ....................... 3
•
Changed RL(PBTL) Load Impedance Min value From: 1.6 Ω To: 2.4 Ω, and Typ value From 2 To: 3 Ω ............................ 4
•
Added footnotes
(1) and (2) to the ROC table ........................................................................................................................ 4
•
Added ROCP information to the ROC Table ........................................................................................................................... 4
•
Deleted - RL = 2 Ω, 10%, THD+N, clipped input signal From PO in the Audio Specification (PBTL) table ........................ 10
•
Changed the IOC Typical Value From: 19 A To: 15 A ......................................................................................................... 11
•
Replaced the TYPICAL CHARACTERISTICS, PBTL CONFIGURATION graphs ............................................................. 15
•
Added section - Click and Pop in SE-Mode ....................................................................................................................... 25
•
Added section - PBTL Overload and Short Circuit ............................................................................................................. 25
(1)
See additional details for SE and PBTL in the System Design Considerations section.
(2)
Values are for actual measured impedance over all combinations of tolerance, current and temperature and not simply the component
rating.
Changes from Revision A (November 2011) to Revision B
Page
•
Changed the RINT_PU parameters From: OTW1 to VREG, OTW2 to VREG, SD to VREG To: OTW, OTW1, OTW2,
CLIP, READY, SD to VRE .................................................................................................................................................. 11
•
Added text to the PHD Package section. ........................................................................................................................... 24
•
Added text to the DKD Package section ............................................................................................................................ 24
Changes from Revision B (November 2011) to Revision C
Page
•
Deleted - RL = 2 Ω, 1% THD+N, unclipped output signal From PO in the Audio Specification (PBTL) table ..................... 10
•
Changed Analog comparator reference node, VI_CM Vlaues From: MIN = 1.5 TYP = 1.75 MAX = 1.9 To: MIN =
1.75 TYP = 2 MAX = 2.15 ................................................................................................................................................... 10
•
Changed ANALOG INPUTS - VIN TYP value From 3.5 to 5 VPP ........................................................................................ 10
•
Changed the VIH and VIL Test Conditions From: INPUT_X, M1, M2, M3, RESET To: M1, M2, M3, RESET .................... 11
28
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: TAS5630B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com