Electronic Components Datasheet Search
  English  ▼

X  

TL16C554FN Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C554FN
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C554FN Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL16C554FN Datasheet HTML 9Page - Texas Instruments TL16C554FN Datasheet HTML 10Page - Texas Instruments TL16C554FN Datasheet HTML 11Page - Texas Instruments TL16C554FN Datasheet HTML 12Page - Texas Instruments TL16C554FN Datasheet HTML 13Page - Texas Instruments TL16C554FN Datasheet HTML 14Page - Texas Instruments TL16C554FN Datasheet HTML 15Page - Texas Instruments TL16C554FN Datasheet HTML 16Page - Texas Instruments TL16C554FN Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
TL16C554, TL16C554I
ASYNCHRONOUS COMMUNICATIONS ELEMENT
SLLS165G − JANUARY 1994 − REVISED MARCH 2006
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Stop
td9 (see Note A)
tpd4
Top Byte of FIFO
tpd4
td9
Active
Active
Sample
Clock
INTx
(time-out or
trigger level)
Interrupt
IOR
(RD RBR)
IOR
(RD LSR)
Previous BYTE
Read From FIFO
Active
(FIFO at or above
trigger level)
(FIFO below
trigger level)
RXx
INTx
Interrupt
50%
50%
50%
50%
50%
50%
50%
NOTE A: This is the reading of the last byte in the FIFO.
Figure 11. Receiver FIFO After First Byte (After RDR Set) Waveforms
Active
(see Note A)
Stop
td9
(see Note B)
tpd5
IOR
(RD RBR)
Sample
Clock
RXRDY
RXx
50%
50%
50%
NOTES: A. This is the reading of the last byte in the FIFO.
B. If FCR0 = 1, then td9 = 3 RCLK cycles. For a time-out interrupt, td9 = 8 RCLK cycles.
Figure 12. Receiver Ready Mode 0 Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com