Electronic Components Datasheet Search
  English  ▼

X  

TL16C554FN Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C554FN
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENT
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C554FN Datasheet(HTML) 19 Page - Texas Instruments

Back Button TL16C554FN Datasheet HTML 15Page - Texas Instruments TL16C554FN Datasheet HTML 16Page - Texas Instruments TL16C554FN Datasheet HTML 17Page - Texas Instruments TL16C554FN Datasheet HTML 18Page - Texas Instruments TL16C554FN Datasheet HTML 19Page - Texas Instruments TL16C554FN Datasheet HTML 20Page - Texas Instruments TL16C554FN Datasheet HTML 21Page - Texas Instruments TL16C554FN Datasheet HTML 22Page - Texas Instruments TL16C554FN Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
TL16C554, TL16C554I
ASYNCHRONOUS COMMUNICATIONS ELEMENT
SLLS165G − JANUARY 1994 − REVISED MARCH 2006
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
interrupt enable register (IER) (continued)
D Bit 0: When IER0 is set, IER0 enables the received data available interrupt and the timeout interrupts in
the FIFO mode.
D Bit 1: When IER1 is set, the transmitter holding register empty interrupt is enabled.
D Bit 2: When IER2 is set, the receiver line status interrupt is enabled.
D Bit 3: When IER3 is set, the modem status interrupt is enabled.
D Bits 4 − 7: IER4 − IER7. These four bits of the IER are cleared.
interrupt identification register (IIR)
In order to minimize software overhead during data character transfers, the serial channel prioritizes interrupts
into four levels. The four levels of interrupt conditions are as follows:
D Priority 1 − Receiver line status (highest priority)
D Priority 2 − Receiver data ready or receiver character timeout
D Priority 3 −Transmitter holding register empty
D Priority 4−Modem status (lowest priority)
Information indicating that a prioritized interrupt is pending and the type of interrupt that is stored in the IIR. The
IIR indicates the highest priority interrupt pending. The contents of the IIR are indicated in Table 5.
Table 5. Interrupt Control Functions
INTERRUPT
IDENTIFICATION
REGISTER
INTERRUPT SET AND RESET FUNCTIONS
BIT 3
BIT 2
BIT 1
BIT 0
PRIORITY
LEVEL
INTERRUPT TYPE
INTERRUPT SOURCE
INTERRUPT
RESET CONTROL
0
0
0
1
—
None
None
—
0
1
1
0
First
Receiver line status
OE, PE, FE, or BI
LSR read
0
1
0
0
Second
Received data available
Receiver data available or
trigger level reached
RBR read until FIFO
drops below the trigger
level
1
1
0
0
Second
Character time-out
indicator
No characters have been
removed from or input to the
receiver FIFO during the last
four character times, and there
is at least one character in it
during this time.
RBR read
0
0
1
0
Third
THRE
THRE
IIR read if THRE is the
interrupt source or THR
write
0
0
0
0
Fourth
Modem status
CTS, DSR, RI, or DCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com