Electronic Components Datasheet Search
  English  ▼

X  

TL1451ACDBLE Datasheet(PDF) 12 Page - Texas Instruments

Part # TL1451ACDBLE
Description  SUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1451ACDBLE Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL1451ACDBLE Datasheet HTML 8Page - Texas Instruments TL1451ACDBLE Datasheet HTML 9Page - Texas Instruments TL1451ACDBLE Datasheet HTML 10Page - Texas Instruments TL1451ACDBLE Datasheet HTML 11Page - Texas Instruments TL1451ACDBLE Datasheet HTML 12Page - Texas Instruments TL1451ACDBLE Datasheet HTML 13Page - Texas Instruments TL1451ACDBLE Datasheet HTML 14Page - Texas Instruments TL1451ACDBLE Datasheet HTML 15Page - Texas Instruments TL1451ACDBLE Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
TL1451A
DUAL PULSEWIDTHMODULATION CONTROL CIRCUITS
SLVS024E – FEBRUARY 1983 – REVISED NOVEMBER 1999
12
www.ti.com
TYPICAL CHARACTERISTICS
3
2
1
0
0
123
4
5
UNDERVOLTAGE LOCKOUT
HYSTERESIS CHARACTERISTICS
6
45
TA = 25°C
TA = –20°C
IO = 10 mA
7,10
8
RL
5 V
I = IO
VDE
TA = 85°C
VCC – Supply Voltage – V
2
–25
0
25
50
2.5
3
UNDERVOLTAGE LOCKOUT CHARACTERISTIC
3.5
75
100
Threshold Voltage –VTH
(Left Scale)
Threshold Voltage –VTL
(Left Scale)
Hysteresis Voltage
(Right Scale)
300
200
100
0
TA – Free-Air Temperature – °C
3.25
2.75
2.25
50
150
250
Figure 11
Figure 12
1.20
1.15
1.10
– 25
0
25
1.25
1.30
SHORT-CIRCUIT PROTECTION CHARACTERISTICS
50
75
100
Short-Circuit Protection
Latch Reset Supply Voltage
(Right Scale)
Short-Circuit Protection
Comparator Threshold Voltage
(Left Scale)
3
2.5
2
1.5
1
TA – Free-Air Temperature – °C
Figure 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com