Electronic Components Datasheet Search
  English  ▼

X  

TL1451ACDBLE Datasheet(PDF) 14 Page - Texas Instruments

Part # TL1451ACDBLE
Description  SUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1451ACDBLE Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL1451ACDBLE Datasheet HTML 10Page - Texas Instruments TL1451ACDBLE Datasheet HTML 11Page - Texas Instruments TL1451ACDBLE Datasheet HTML 12Page - Texas Instruments TL1451ACDBLE Datasheet HTML 13Page - Texas Instruments TL1451ACDBLE Datasheet HTML 14Page - Texas Instruments TL1451ACDBLE Datasheet HTML 15Page - Texas Instruments TL1451ACDBLE Datasheet HTML 16Page - Texas Instruments TL1451ACDBLE Datasheet HTML 17Page - Texas Instruments TL1451ACDBLE Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
TL1451A
DUAL PULSEWIDTHMODULATION CONTROL CIRCUITS
SLVS024E – FEBRUARY 1983 – REVISED NOVEMBER 1999
14
www.ti.com
TYPICAL CHARACTERISTICS
1.75
1.5
1
0.75
0
2.25
1.25
1 k
10 k
100 k
1 M
10 M
2
f – Frequency – Hz
ERROR AMP MAXIMUM OUTPUT VOLTAGE SWING
vs
FREQUENCY
0.5
0.25
VCC = 5 V
TA = 25°C
70
60
40
30
0
90
50
100
1 k
10 k
100 k
1 M 2 M
80
f – Frequency – Hz
OPEN-LOOP VOLTAGE AMPLIFICATION
vs
FREQUENCY
20
10
VCC = 5 V
TA = 25°C
Figure 15
Figure 16
–5
–20
1 k
10 k
100 k
f – Frequency – Hz
GAIN (AMPLIFIER IN
UNITY-GAIN CONFIGURATION)
vs
FREQUENCY
10
1 M
10 M
5
0
–10
–15
VCC = 5 V
TA = 25°C
Figure 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com