Electronic Components Datasheet Search
  English  ▼

X  

TLV716 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV716
Description  Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 1,2-mm SON Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV716 Datasheet(HTML) 4 Page - Texas Instruments

  TLV716 Datasheet HTML 1Page - Texas Instruments TLV716 Datasheet HTML 2Page - Texas Instruments TLV716 Datasheet HTML 3Page - Texas Instruments TLV716 Datasheet HTML 4Page - Texas Instruments TLV716 Datasheet HTML 5Page - Texas Instruments TLV716 Datasheet HTML 6Page - Texas Instruments TLV716 Datasheet HTML 7Page - Texas Instruments TLV716 Datasheet HTML 8Page - Texas Instruments TLV716 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
EN1
IN
EN2
6
5
4
OUT1
OUT2
GND
1
2
3
TLV716
TLV716P
SBVS217A – JUNE 2013 – REVISED SEPTEMBER 2013
www.ti.com
PIN CONFIGURATION
DPQ PACKAGE
1,2-mm × 1,2-mm SON-6
(TOP VIEW)
PIN DESCRIPTIONS
NAME
PIN NO.
DESCRIPTION
Regulated output voltage pin.
OUT1
1
See the Input and Output Capacitor Requirements section in the Application Information for more details.
Regulated output voltage pin.
OUT2
2
See the Input and Output Capacitor Requirements section in the Application Information for more details.
GND
3
Ground pin.
Enable pin for regulator 2. Driving EN2 over 0.9 V turns on regulator 2.
EN2
4
Driving EN2 below 0.4 V places regulator 2 into shutdown mode.
Input pin.
IN
5
See the Input and Output Capacitor Requirements section in the Application Information for more details.
Enable pin for regulator 1. Driving EN1 over 0.9 V turns on regulator 1.
EN1
6
Driving EN1 below 0.4 V places regulator 1 into shutdown mode.
—
PAD
Connecting the thermal pad to the ground plane improves the thermal performance.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com