Electronic Components Datasheet Search
  English  ▼

X  

TLV716 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV716
Description  Capacitor-Free, Dual, 150-mA, Low-Dropout Voltage Regulator (LDO) in 1,2-mm 1,2-mm SON Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV716 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV716 Datasheet HTML 8Page - Texas Instruments TLV716 Datasheet HTML 9Page - Texas Instruments TLV716 Datasheet HTML 10Page - Texas Instruments TLV716 Datasheet HTML 11Page - Texas Instruments TLV716 Datasheet HTML 12Page - Texas Instruments TLV716 Datasheet HTML 13Page - Texas Instruments TLV716 Datasheet HTML 14Page - Texas Instruments TLV716 Datasheet HTML 15Page - Texas Instruments TLV716 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
25
35
45
55
65
75
85
95
105
115
125
0
30
60
90
120
150
I
OUT1 (mA)
3.3 Vin, 1.8 Vout1, 1.0
Vout2, Iout2 = 0 mA
3.3 Vin, 1.8 Vout1, 1.0
Vout2, Iout2 = 75 mA
C014
25
35
45
55
65
75
85
95
105
115
125
0
30
60
90
120
150
I
OUT1 (mA)
5 Vin, 3.3 Vout1, 1.8
Vout2, Iout2 = 0 mA
5 Vin, 3.3 Vout1, 1.8
Vout2, Iout2 = 75 mA
C014
TLV716
TLV716P
SBVS217A – JUNE 2013 – REVISED SEPTEMBER 2013
www.ti.com
POWER DISSIPATION
The ability to remove heat from a die is different for each package type, presenting different considerations in the
printed circuit board (PCB) layout. The copper PCB area around the device that is free of other components
moves the heat from the device to ambient air. Performance data for JEDEC-low and high-K boards are given in
the Thermal Information table. Using heavier copper increases effectiveness in removing heat from the device.
Power dissipation (PD) is equal to the product of the output current and the voltage drop across both output pass
elements, as shown in Equation 1:
PD = (VIN – VOUT1) × IOUT1 + (VIN – VOUT2) × IOUT2
(1)
The maximum ambient temperature that the device can operate within the maximum TJ operating temperature of
+125°C depends on the thermal impedance and the total power dissipated within the device. Figure 25 and
Figure 26 show maximum ambient temperature verses output current for two different LDO configurations.
Figure 25 shows the maximum ambient temperature with VIN = 3.3 V, VOUT1 = 1.8 V, and VOUT2 = 1.0 V versus
IOUT1. Figure 26 shows the maximum ambient temperature with VIN = 5.0 V, VOUT1 = 3.3 V, and VOUT2 = 1.8 V
versus IOUT1.
Figure 25. Maximum Ambient Temperature vs Output Current
(VIN = 5.0 V, VOUT1 = 3.3 V, VOUT2 = 1.8 V)
Figure 26. Maximum Ambient Temperature vs Output Current
(VIN = 3.3 V, VOUT1 = 1.8 V, VOUT2 = 1.0 V)
12
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com