Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6467CCUTAV Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6467CCUTAV
Description  Digital Media System-on-Chip
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6467CCUTAV Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS320DM6467CCUTAV Datasheet HTML 93Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 94Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 95Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 96Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 97Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 98Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 99Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 100Page - Texas Instruments TMS320DM6467CCUTAV Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 355 page
background image
TMS320DM6467
www.ti.com
SPRS403H – DECEMBER 2007 – REVISED JUNE 2012
4.4.2.2
BOOTSTAT Register
The Boot Status (BOOTSTAT) register indicates the status of the device boot process (e.g., boot error,
boot complete, or watchdog timer reset).
31
30
20
19
16
WDRST
RESERVED
BOOTERR
R/W-0
R-000 0000 0000
R-0000
15
1
0
RESERVED
BC
R-0000 0000 0000 000
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 4-7. BOOTSTAT Register
Table 4-9. BOOTSTAT Register Bit Descriptions
BIT
NAME
DESCRIPTION
Watchdog Timer Reset.
0 = Device reset was not a result of a watchdog timer timeout.
1 = Device reset was a result of a watchdog timer timeout.
31
WDRST
This is a "sticky" bit that can be used to debug WD timeout conditions. The bit is set when a WD
timeout occurs (TOUT2). This bit is reset (to "0") by a POR reset only; otherwise it retains its value.
It is not cleared by a Warm Reset or Soft Reset.
The bit may be cleared by writing a "1".
30:20
RESERVED
Reserved. Read returns "0".
Boot Error.
0000 = No boot error [default].
19:16
BOOTERR
Others = Bootloader detected boot error.
The exact meaning of the various error codes will be determined by the bootloader software.
15:1
RESERVED
Reserved. Read returns "0".
Boot Complete.
0 = Host has not completed the boot sequence [default].
1 = Host has completed the boot sequence.
0
BC
This bit may be optionally set by a host boot device (such as PCI or HPI) to indicate that it has
finished loading code. The ARM926 can poll this bit to determine whether to continue the boot
process.
Copyright © 2007–2012, Texas Instruments Incorporated
Device Configurations
97
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6467



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com