Electronic Components Datasheet Search
  English  ▼

X  

mA741 Datasheet(PDF) 4 Page - Texas Instruments

Part # mA741
Description  GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

mA741 Datasheet(HTML) 4 Page - Texas Instruments

  mA741 Datasheet HTML 1Page - Texas Instruments mA741 Datasheet HTML 2Page - Texas Instruments mA741 Datasheet HTML 3Page - Texas Instruments mA741 Datasheet HTML 4Page - Texas Instruments mA741 Datasheet HTML 5Page - Texas Instruments mA741 Datasheet HTML 6Page - Texas Instruments mA741 Datasheet HTML 7Page - Texas Instruments mA741 Datasheet HTML 8Page - Texas Instruments mA741 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
µA741, µA741Y
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS094B – NOVEMBER 1970 – REVISED SEPTEMBER 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
µA741C
µA741I
µA741M
UNIT
Supply voltage, VCC+ (see Note 1)
18
22
22
V
Supply voltage, VCC – (see Note 1)
–18
–22
–22
V
Differential input voltage, VID (see Note 2)
±15
±30
±30
V
Input voltage, VI any input (see Notes 1 and 3)
±15
±15
±15
V
Voltage between offset null (either OFFSET N1 or OFFSET N2) and VCC –
±15
±0.5
±0.5
V
Duration of output short circuit (see Note 4)
unlimited
unlimited
unlimited
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature range, TA
0 to 70
– 40 to 85
– 55 to 125
°C
Storage temperature range
– 65 to 150
– 65 to 150
– 65 to 150
°C
Case temperature for 60 seconds
FK package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds
J, JG, or U package
300
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
D, P, or PW package
260
260
°C
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, unless otherwise noted, are with respect to the midpoint between VCC+ and VCC – .
2. Differential voltages are at IN+ with respect to IN –.
3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less.
4. The output may be shorted to ground or either power supply. For the
µA741M only, the unlimited duration of the short circuit applies
at (or below) 125
°C case temperature or 75°C free-air temperature.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING
FACTOR
DERATE
ABOVE TA
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D
500 mW
5.8 mW/
°C
64
°C
464 mW
377 mW
N/A
FK
500 mW
11.0 mW/
°C
105
°C
500 mW
500 mW
275 mW
J
500 mW
11.0 mW/
°C
105
°C
500 mW
500 mW
275 mW
JG
500 mW
8.4 mW/
°C90°C
500 mW
500 mW
210 mW
P
500 mW
N/A
N/A
500 mW
500 mW
N/A
PW
525 mW
4.2 mW/
°C25°C
336 mW
N/A
N/A
U
500 mW
5.4 mW/
°C
57
°C
432 mW
351 mW
135 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com