Electronic Components Datasheet Search
  English  ▼

X  

mA741 Datasheet(PDF) 9 Page - Texas Instruments

Part # mA741
Description  GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

mA741 Datasheet(HTML) 9 Page - Texas Instruments

Back Button mA741 Datasheet HTML 5Page - Texas Instruments mA741 Datasheet HTML 6Page - Texas Instruments mA741 Datasheet HTML 7Page - Texas Instruments mA741 Datasheet HTML 8Page - Texas Instruments mA741 Datasheet HTML 9Page - Texas Instruments mA741 Datasheet HTML 10Page - Texas Instruments mA741 Datasheet HTML 11Page - Texas Instruments mA741 Datasheet HTML 12Page - Texas Instruments mA741 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
µA741, µA741Y
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS094B – NOVEMBER 1970 – REVISED SEPTEMBER 2000
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
±20
f – Frequency – Hz
1M
100k
10k
1k
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREQUENCY
±18
±16
±14
±12
±10
±8
±6
±4
±2
0
VCC+ = 15 V
VCC – = –15 V
RL = 10 kΩ
TA = 25°C
100
Figure 7
20
18
16
14
12
10
8
6
4
2
400
200
100
40
20
10
0
VCC
± – Supply Voltage – V
OPEN-LOOP SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
SUPPLY VOLTAGE
VO = ±10 V
RL = 2 kΩ
TA = 25°C
f – Frequency – Hz
10M
1M
10k
100
1
–10
0
10
20
70
80
90
100
110
OPEN-LOOP LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
FREQUENCY
VO = ±10 V
RL = 2 kΩ
TA = 25°C
10
1k
100k
60
50
30
40
VCC+ = 15 V
VCC – = –15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com