Electronic Components Datasheet Search
  English  ▼

X  

GP20 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # GP20
Description  Packaging Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GP20 Datasheet(HTML) 6 Page - Vishay Siliconix

  GP20 Datasheet HTML 1Page - Vishay Siliconix GP20 Datasheet HTML 2Page - Vishay Siliconix GP20 Datasheet HTML 3Page - Vishay Siliconix GP20 Datasheet HTML 4Page - Vishay Siliconix GP20 Datasheet HTML 5Page - Vishay Siliconix GP20 Datasheet HTML 6Page - Vishay Siliconix GP20 Datasheet HTML 7Page - Vishay Siliconix GP20 Datasheet HTML 8Page - Vishay Siliconix GP20 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Packaging Information
www.vishay.com
Vishay General Semiconductor
Revision: 01-Feb-13
6
Document Number: 88869
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters (inches)
Fig. 5 - Avisert
Fig. 6 - Pseudo Radial
Note:
(1) Component Alignment
Available only for GP10 style products utilizing 0.65 mm (0.025") or 0.76 mm (0.030")
diameter leads for Panasert and Avisert tape. Lead coating is available on GP10 products only.
User Direction Feed
13.0 (0.512)
12.4 (0.488)
6.5 MAX.
(0.256)
5.68 (0.224)
4.68 (0.184)
(Center to Center)
(Center to Center)
1.0 MAX.
(1)
(0.40)
16.5 (0.650)
15.5 (0.610)
4.55 (0.179)
3.15 (0.124)
(Center to Center)
4.3 (0.169)
3.7 (0.146)
2.72 (0.107)
2.03 (0.080)
Body DIA.
0.86 (0.034)
0.55 (0.022)
Lead DIA.
± 1.0
(1)
(± 0.039)
3.0 MAX.
(0.118)
0.6 (0.025)
0.4 (0.016)
16.0 MIN.
(0.630)
32.0 (1.26)
23.0 (0.905)
5.5 MIN.
(0.217)
Tape
19.0 (0.748)
17.5 (0.689)
9.75 (0.384)
8.50 (0.335)
11.0
MAX.
(0.433)
12.7 (0.50)
(Nominal)
Standard Polarity Cathode Oriented Away from Sprocket Holes (Optional Polarity Cathode Oriented Toward Sprocket Holes)
16.0 (0.63)
MIN.
2.0 (0.079)
MAX.
11.0
(4.33)
MAX.
13.0 (0.51)
12.4 (0.49)
4.3 (0.169)
3.7 (0.146)
DIA.
12.5
(0.492)
MIN.
Tape
19.0 (0.748)
17.5 (0.689)
9.75 (0.384)
8.50 (0.335)
± 1.0
(1)
(± 0.039)
1.0 (0.039) MAX.
0.6 (0.025)
0.4 (0.016)
Available only for MPG06 Product in Ammo Pack in Accordance with EIA Standard RS-468-A Utilizing
0.61 mm (0.024") Diameter Leads. Maximum Cumulative Pitch Tolerance: 1.0 mm (0.039")/20 Pitch.
User Direction Feed
0.66 (0.026)
0.55 (0.022)
Lead DIA.
2.54 (0.01)
2.29 (0.090)
Body DIA.
3.2 (0.125)
2.9 (0.115)
3.06 (0.118)
MAX.
5.68 (0.224)
4.68 (0.184)
4.51 (0.178)
3.11 (0.122)
(Center to Center)
12.7 (0.50)
(Nominal)
1.0 MAX.
(1)
(0.40)
Note:
(1) Component Alignment



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com