Electronic Components Datasheet Search
  English  ▼

X  

GP20 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # GP20
Description  Packaging Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GP20 Datasheet(HTML) 9 Page - Vishay Siliconix

  GP20 Datasheet HTML 1Page - Vishay Siliconix GP20 Datasheet HTML 2Page - Vishay Siliconix GP20 Datasheet HTML 3Page - Vishay Siliconix GP20 Datasheet HTML 4Page - Vishay Siliconix GP20 Datasheet HTML 5Page - Vishay Siliconix GP20 Datasheet HTML 6Page - Vishay Siliconix GP20 Datasheet HTML 7Page - Vishay Siliconix GP20 Datasheet HTML 8Page - Vishay Siliconix GP20 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Packaging Information
www.vishay.com
Vishay General Semiconductor
Revision: 01-Feb-13
9
Document Number: 88869
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SURFACE MOUNT TAPE AND REEL PACKAGING
Fig. 13
Notes
(1) A0, B0, and K0 are determined by the maximum dimensions of the component size. The clearance between the component and the cavity
must be within 0.05 mm (0.002") min. to 0.5 mm (0.02") max. for 8 mm tape and 12 mm tape, 0.15 mm (0.066") min. to 0.90 mm (0.035")
max. for 16 mm tape and 0.15 mm (0.006") min. to 1.0 mm (0.59") max. for 24 mm tape.
(2) All surface mount components are packed in accordance with EIA standard 481-C
8 mm, 12 mm, 16 mm, AND 24 mm EMBOSSED TAPE in millimeters (inches)
TAPE SIZE
D0
E1
P0
P2
A0, B0, K0
S1 MIN.
T MAX.
T1 MAX.
8 mm, 12 mm
1.5 ± 0.1
(0.059 ± 0.004)
1.75 ± 0.1
(0.069 ± 0.004)
4.0 ± 0.1
(0.157 ± 0.004)
2.0 ± 0.05
(0.79 ± 0.002)
(1)
0.6
(0.024)
0.600
(0.024)
0.1
(0.004)
16 mm, 24 mm
2.0 ± 0.1
(0.79 ± 0.004)
DIMENSIONS in millimeters (inches)
CASE TYPE
TAPE
SIZE
B1 MAX. D1 MIN. E2 MAX.
F
P1
R REF.
T2 MAX.
W
DO-213AA (GL34)
8
(0.315)
4.2
(0.165)
1.0
(0.39)
6.25
(0.246)
3.5 ± 0.05
(0.138 ± 0.002)
4.0 ± 0.10
(0.57 ± 0.004)
25
(0.984)
2.4
(0.094)
8.0 ± 0.30
(0.315 ± 0.012)
MicroSMP
3.28
(0.129)
6.05
(0.238)
1.919
(0.076)
DO-213AB (GL41)
12
(0.472)
8.2
(0.323)
1.5
(0.059)
10.25
(0.404)
5.5 ± 0.05
(0.217 ± 0.002)
30
(1.181)
4.5
(0.177)
12.0 ± 0.30
(0.472 ± 0.012)
DO-214BA (GF1)
3.25
(0.128)
DO-214AC(SMA)
2.64
(0.104)
DO-220AA (SMP)
1.84
(0.072)
TO-277A (SMPC)
7.0
(2.76)
8.0 ± 0.10
(0.315 ± 0.004)
1.43
(0.056)
DO-214AA (SMB)/
DO-215AA (SMBG)
8.2
(0.323)
2.77
(0.109)
DO-214AB (SMC)/
DO-215AB (SMCG)
16
(0.630)
12.1
(0.476)
14.25
(0.561)
7.5 ± 0.05
(0.295 ± 0.002)
2.64
(0.104)
16.0 ± 0.2
(0.630 ± 0.008)
DFS
12.0 ± 0.10
(0.472 ± 0.004)
3.91
(0.154)
TO-263AB
DO-218AB
24
(0.945)
20.1
(0.791)
22.25
(0.876)
11.5 ± 0.1
(0.453 ± 0.004)
16.0 ± 0.10
(0.630 ± 0.004)
5.31
(0.209)
24.0 ± 0.3
(0.945 ± 0.008)
SMPD
1.5
(0.059)
12.0 ± 0.10
(0.472 ± 0.004)
2.35
(0.093)
DO-221AC
(SlimSMA)
12
(0.472)
6.2
(0.244)
10.25
(0.404)
5.5 ± 0.05
(0.217 ± 0.002)
4.0 ± 0.10
(0.157 ± 0.001)
1.53
(0.060)
12.0 ± 0.3
(0.472 ± 0.012)
Notes
(1) For machine reference only, including draft and
radii concentric around B0
(2) See note 1 and table
K0
T
P0
B1
(1)
F
E
W
P2
P
B0
A0
(2)
0
1
E2
D
D1 for components
2.0 mm x 1.2 mm and larger
Top
Cover
Tape
De-Reeling Direction
T
T
2
10 P0itches Cumulative Tolerance on Tape ± 0.2
1
S1
Rectifiers
Polarization
DFS and MBS
Polarization
DO-218AB/2D
TVS Polarization
GL41, SMA, SMB, SMC,
SMP, MicroSMP, SMPC,
SlimSMA, DO-218AB/2E



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com