Electronic Components Datasheet Search
  English  ▼

X  

P600 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # P600
Description  Packaging Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P600 Datasheet(HTML) 5 Page - Vishay Siliconix

  P600 Datasheet HTML 1Page - Vishay Siliconix P600 Datasheet HTML 2Page - Vishay Siliconix P600 Datasheet HTML 3Page - Vishay Siliconix P600 Datasheet HTML 4Page - Vishay Siliconix P600 Datasheet HTML 5Page - Vishay Siliconix P600 Datasheet HTML 6Page - Vishay Siliconix P600 Datasheet HTML 7Page - Vishay Siliconix P600 Datasheet HTML 8Page - Vishay Siliconix P600 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Packaging Information
www.vishay.com
Vishay General Semiconductor
Revision: 01-Feb-13
5
Document Number: 88869
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters (inches)
Fig. 3 - Euroform
Fig. 4 - Panasert
Available for GP10 Products only Utilizing 0.65 mm (0.025") Diameter Leads for
Euroform tape by adding suffix “E” (GP10GE, 1N4004GPE). Lead coating is standard.
Tape
5.68 (0.224)
4.68 (0.184)
(Center to Center)
20.5
18.5
(0.807)
(0.728)
11.0
MAX.
(0.433)
4.55 (0.179)
3.15 (0.124)
(Center to Center)
1.0 MAX. (2)
(0.40)
(Center to Center)
6.5 MAX.
(0.256)
16.5 (0.650)
15.5 (0.610)
4.3 (0.169)
3.7 (0.146)
DIA.
2.5
MIN.
(0.098)
12.0 MAX.
(0.472)
7.35 (0.29)
5.35 (0.21)
0.6 MAX.
(0.024)
9.75 (0.384)
8.50 (0.335)
19.0 (0.748)
17.5 (0.689)
13.5 (0.531)
12.5 (0.492)
User Direction Feed
32.0 (1.26)
23.0 (0.905)
2.72 (0.107)
2.03 (0.080)
Body DIA.
0.65 (0.0256)
0.55 (0.022)
Lead DIA.
± 1.0 (2)
(± 0.039)
0.6 (0.025)
0.4 (0.016)
13.0 (0.512)
12.4 (0.488)
12.7 (0.50)
(Nominal)
A (1)
B (1)
Note:
(1) Measurement
difference between
leads, A and B =
0.4 (0.016) MAX.
(2) Component
Alignment
Tape
19.0 (0.748)
17.5 (0.689)
9.75 (0.384)
8.50 (0.335)
User Direction Feed
16.0 MIN.
(0.630)
32.0 (1.26)
23.0 (0.905)
5.5 MIN.
(0.217)
(Center to Center)
6.5 MAX.
(0.256)
4.3 (0.169)
3.7 (0.146)
DIA.
5.68 (0.224)
4.68 (0.184)
(Center to Center)
16.5 (0.650)
15.5 (0.610)
1.0 MAX.
(1)
(0.40)
7.0 MIN.
(0.276)
1.3 MIN.
(0.059)
2.72 (0.107)
2.03 (0.080)
Body DIA.
0.86 (0.034)
0.55 (0.022)
Lead DIA.
± 1.0
(1)
(± 0.039)
0.6 (0.025)
0.4 (0.016)
13.0 (0.512)
12.4 (0.488)
11.0
MAX.
(0.433)
4.55 (0.179)
3.15 (0.124)
(Center to Center)
12.7 (0.50)
(Nominal)
Note:
(1) Component Alignment



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com