Electronic Components Datasheet Search
  English  ▼

X  

P600 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P600
Description  Packaging Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P600 Datasheet(HTML) 3 Page - Vishay Siliconix

  P600 Datasheet HTML 1Page - Vishay Siliconix P600 Datasheet HTML 2Page - Vishay Siliconix P600 Datasheet HTML 3Page - Vishay Siliconix P600 Datasheet HTML 4Page - Vishay Siliconix P600 Datasheet HTML 5Page - Vishay Siliconix P600 Datasheet HTML 6Page - Vishay Siliconix P600 Datasheet HTML 7Page - Vishay Siliconix P600 Datasheet HTML 8Page - Vishay Siliconix P600 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Packaging Information
www.vishay.com
Vishay General Semiconductor
Revision: 01-Feb-13
3
Document Number: 88869
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
AXIAL-LEADED TAPE AND REEL PACKAGING
All axial-leaded devices are packed in accordance with EIA standard RS-296-E. The diagrams given below refer to these
specifications.
Fig. 1
Fig. 2
TABLE 1 - AMMO PACK PACKAGING
PACKAGING
AVAILABLE PRODUCT
OUTLINES
PREFERRED
PACKAGE CODE
DIMENSION
A
DIMENSION
B
DIMENSION
C
QUANTITY
BOX
26 mm horizontal tape,
ammo pack
DO-204AL (DO-41), MPG06
DO-204AC
P300
53
53
53
9.7"
(247 mm)
1.7"
(44 mm)
3.7"
(95 mm)
3.0K
1.5K
0.75K
52 mm horizontal tape,
ammo pack
DO-204AL, MPG06
DO-204AC
DO201AD, GP20
P600
73
73
73
73
10.0"
(255 mm)
3.15"
(80 mm)
4.53"
(115 mm)
3.0K
2.0K
1.0K
0.3K
Radial
(avisert, panasert, euroform)
vertical tape
GP10-E, RGP10-E,
GP10-E, RGP10-E
91, 93
13.4"
(340 mm)
1.8"
(47 mm)
7.9"
(200 mm)
2.0K
2.5K
2.0K
Pseudo/radial tape,
ammo pack
MPG06
100
13.4"
(340 mm)
1.8"
(47 mm)
7.9"
(200 mm)
2.0K
A
C
B
Inspection Hole
(Both Sides)
Ammo Pack can be Opened on Either Side,
Depending on Desired Device Polarity
Component Pitch
A
2, 3
Inside Tape Spacing
B
2, 3
Lead to Lead Eccentricity
|D1 - D2|
-
Lead Extension
K
-
Lead Bending
E
2
Cumulative Pitch
P
3
Exposed Adhesive
S
-
Tape Width
T
-
All polarized components shall be oriented in the same direction
Description
Symbol
E
D
1
D
2
A
P
K
S
B
W
|D
1 - D2| = 1.4 (0.055) Max.
0.8 (0.031) Max. Typ. 0.0
0.8 (0.031)
Max.
Dimensions A, M, K, P, S and T apply to both sides
Dimensions in millimeters (inches)
E
T
6.0 ± 0.4
(0.236 ± 0.0157)
The “C” dimension of Fig. 2 is between flanges of the component
reel and shall be 1.5 mm (0.059") to 8.00 mm (0.315") greater than
the overall taped component width “W” (Fig. 1). Where “W”
dimension is 68.2 mm (2.68") max.
38.1 (1.50) Dia.
14.3 (0.56) Dia.
D Dia.
(Table 2)
Kraft
Paper
91.9 (3.62) Dia.
50.8 (2.00) Dia.
Cathode Lead
Colored Tape
C
Anode Lead
White Tape



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com