| Electronic Components Datasheet Search |
|
AM3703CBPD100 Datasheet(PDF) 227 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3703CBPD100 Datasheet(HTML) 227 Page - Texas Instruments |
|
227 / 280 page ![]() AM3715, AM3703 www.ti.com SPRS616F – JUNE 2010 – REVISED AUGUST 2011 (1) In mcspix, x is equal to 1, 2, or 4. In mcspix_csn, n is equal to 0, 1, 2, or 3 for x equal to 1, n is equal to 0 or 1 for x equal to 2 and 4. (2) The polarity of mcspix_clk and the active edge (rising or falling) on which mcspix_simo is driven and mcspix_somi is latched is all software configurable: – mcspix_clk(1) phase programmable with the bit PHA of MCSPI_CH(i)CONF register: PHA = 1 (Modes 1 and 3). – mcspix_clk(1) phase programmable with the bit PHA of MCSPI_CH(i)CONF register: PHA = 0 (Modes 0 and 2). For more information, see the McSPI environment chapter, Data Format Configurations section of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4) for modes and phase correspondence description. (3) P = mcspix_clk clock period (4) Case P = 20.8 ns, A = (TCS+0.5)*P(3) (TCS is a bit field of MSPI_CHCONFx[26:25] register). Case P > 20.8 ns, A = TCS*P(3) (TCS is a bitfield of MSPI_CHCONFx[26:25] register). For more information, see the McSPI chapter of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4). (5) B = TCS*P(3) (TCS is a bit field of MSPI_CHCONFx[26:25] register). For more information, see the McSPI chapter of the AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4). (6) See Section 4.3.4, Processor Clocks. Table 6-80. McSPI3 Timing Requirements —Master Mode(1) NO. PARAMETER OPP100 OPP50 UNIT MIN MAX MIN MAX SM2 tsu(SOMIV-CLKAE) Setup time, mcspi3_somi valid before mcspi3_clk 1.5 4.3 ns active edge SM3 th(SOMIV-CLKAE) Hold time, mcspi3_somi valid after mcspi3_clk active 2.8 5.9 ns edge (1) See Section 4.3.4, Processor Clocks. Table 6-81. McSPI3 Switching Characteristics —Master Mode(1) (2) (6) NO. PARAMETER OPP100 OPP50 UNIT MIN MAX MIN MAX SM0 1/tc(CLK) Frequency, mcspi3_clk 24 12 MHz SM1 tw(CLKH) Pulse duration, mcspi3_clk high or low 0.45*P(3) 0.55*P(3) 0.45*P(3) 0.55*P(3) ns tR(clk) Rise time, output clock mcspi3_clk CBP 7.33 7.31 ns Balls: AE2 / AE13 CBP 4.31 4.30 Ball: H26 tF(clk) Fall time, output clock mcspi3_clk CBP 6.77 6.71 ns Balls: AE2 / AE13 CBP 4.0 4.0 Ball: H26 SM4 td(CLK-SIMO) Delay time, mcspi3_clk active edge to mcspi3_simo –2.1 11.3 –5.3 23.6 ns shifted SM5 td(CSn-CLK) Delay time, mcspi3_csi active to Modes 1 A(4) – 4.4 A(4) – ns mcspi3_clk first edge and 3 10.1 Modes 0 B(5) – 4.4 B(5) – ns and 2 10.1 SM6 td(CLK-CSn) Delay time, mcspi3_clk last edge to Modes 1 B(5) – 4.4 B(5) – ns mcspi3_csi inactive and 3 10.1 Modes 0 A(4) – 4.4 A(4) – ns and 2 10.1 SM7 td(csn-simo) Delay time, mcspi3_csi active edge to Modes 0 11.3 23.6 ns mcspi3_simo shifted and 2 Copyright © 2010–2011, Texas Instruments Incorporated Timing Requirements and Switching Characteristics 227 Submit Documentation Feedback Product Folder Link(s): AM3715 AM3703 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |