Electronic Components Datasheet Search
  English  ▼

X  

AM3703CBPD100 Datasheet(PDF) 228 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703CBPD100
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3703CBPD100 Datasheet(HTML) 228 Page - Texas Instruments

Back Button AM3703CBPD100 Datasheet HTML 224Page - Texas Instruments AM3703CBPD100 Datasheet HTML 225Page - Texas Instruments AM3703CBPD100 Datasheet HTML 226Page - Texas Instruments AM3703CBPD100 Datasheet HTML 227Page - Texas Instruments AM3703CBPD100 Datasheet HTML 228Page - Texas Instruments AM3703CBPD100 Datasheet HTML 229Page - Texas Instruments AM3703CBPD100 Datasheet HTML 230Page - Texas Instruments AM3703CBPD100 Datasheet HTML 231Page - Texas Instruments AM3703CBPD100 Datasheet HTML 232Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 280 page
background image
mcspi_cs(OUT)
mcspi_clk(OUT)
mcspi_clk(OUT)
mcspi_simo(OUT)
mcspi_cs(OUT)
mcspi_clk(OUT)
mcspi_clk(OUT)
mcspi_simo(OUT)
Bit n–1
Bit n–2
Bit n–3
Bit n–4
Bit 0
Bit n–1
Bit n–2
Bit n–3
Bit 1
Bit 0
PHA=0
EPOL=1
POL=0
POL=1
PHA=1
EPOL=1
POL=0
POL=1
SM5
SM6
SM4
SM1
SM0
SM1
SM0
SM5
SM6
SM1
SM0
SM1
SM0
SM4
SM7
SM4
SM1
SM1
SM1
SM1
SM4
SM4
SM4
SWPS038-072
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
(1) In mcspi3_csn, n is equal to 0 or 1. The polarity of mcspi3_clk and the active edge (rising or falling) on which mcspi3_simo is driven and
mcspi3_somi is latched is all software configurable.
–
mcspi3_clk phase programmable with the bit PHA of MCSPI_CH(i)CONF register: PHA = 1 (Modes 1 and 3).
–
mcspi3_clk phase programmable with the bit PHA of MCSPI_CH(i)CONF register: PHA = 0 (Modes 0 and 2).
For more information, see the McSPI environment chapter, Data Format Configurations section of the AM/DM37x Multimedia Device
Technical Reference Manual (literature number SPRUGN4) for modes and phase correspondence description.
(2) This timing applies to all configurations regardless of McSPI3_CLK polarity and which clock edges are used to drive output data and
capture input data.
(3) P = mcspi3_clk clock period
(4) Case P = 20.8 ns, A = (TCS + 0.5)*P(3) (TCS is a bit field of MSPI_CHCONFx[26:25] register).
Case P
> 20.8 ns, A = TCS*P(3) (TCS is a bit field of MSPI_CHCONFx[26:25] register). For more information, see the McSPI chapter of
AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4).
(5) B = TCS*P(3) (TCS is a bit field of MSPI_CHCONFx[26:25] register). For more information, see the McSPI chapter of AM/DM37x
Multimedia Device Technical Reference Manual (literature number SPRUGN4).
(6) See Section 4.3.4, Processor Clocks.
(1)
The active clock edge selection of mcspi_clk (rising or falling) on which mcspi_simo is driven and mcspi_somi data is latched is
software configurable with the bit MCSPI_CH(i)CONF[1] = POL and the bit MCSPI_CH(i)CONF[0] = PHA.
(2)
The polarity of mcspi_ncs is software configuable with the bit MCSPI_CH(i)CONF[6] = EPOL.
Figure 6-46. McSPI
—Master Mode—Transmit
228
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com