Electronic Components Datasheet Search
  English  ▼

X  

LM5066 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5066
Description  LM5066 High Voltage System Power Management and Protection IC with PMBus
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5066 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5066 Datasheet HTML 9Page - Texas Instruments LM5066 Datasheet HTML 10Page - Texas Instruments LM5066 Datasheet HTML 11Page - Texas Instruments LM5066 Datasheet HTML 12Page - Texas Instruments LM5066 Datasheet HTML 13Page - Texas Instruments LM5066 Datasheet HTML 14Page - Texas Instruments LM5066 Datasheet HTML 15Page - Texas Instruments LM5066 Datasheet HTML 16Page - Texas Instruments LM5066 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
OUT
UVLO/EN
VIN
GATE
DIODE
R1
FB
OVLO
SDAI
SCL
PGD
SENSE
VDD
SMBus
Interface
SMBA
CL
RETRY
VAUX
VDD
VREF
TIMER
PWR
AGND
LM5066
Auxillary ADC Input
(0V ± 2.97V)
VOUT
COUT
RPG
VIN
1 PF
1 PF
RPWR
ADR2
ADR1
ADR0
VDD
N/C
N/C
VIN_K
GND
SDAO
RS
R2
R3
CTIMER
R4
R5
CIN
Z1
D1
Q2
Q1
LM5066
www.ti.com
SNVS655G – JUNE 2011 – REVISED FEBRUARY 2013
FUNCTIONAL DESCRIPTION
The inline protection functionality of the LM5066 is designed to control the in-rush current to the load upon
insertion of a circuit card into a live backplane or other “hot” power source, thereby limiting the voltage sag on the
backplane’s supply voltage, and the dV/dt of the voltage applied to the load. The effects on other circuits in the
system are minimized by preventing possible unintended resets. A controlled shutdown when the circuit card is
removed can also be implemented using the LM5066.
In addition to a programmable current limit, the LM5066 monitors and limits the maximum power dissipation in
the series pass device to maintain operation within the device Safe Operating Area (SOA). Either current limiting
or power limiting for an extended period of time results in the shutdown of the series pass device. In this event,
the LM5066 can latch off or repetitively retry based on the hardware setting of the RETRY pin. Once started, the
number of retries can be set to none, 1, 2, 4, 8, 16, or infinite. The circuit breaker function quickly switches off the
series pass device upon detection of a severe over-current condition. Programmable under-voltage lockout
(UVLO) and over-voltage lockout (OVLO) circuits shut down the LM5066 when the system input voltage is
outside the desired operating range.
The telemetry capability of the LM5066 provides intelligent monitoring of the input voltage, output voltage, input
current, input power, temperature, and an auxiliary input. The LM5066 also provides a peak capture of the input
power and programmable hardware averaging of the input voltage, current, power, and output voltage. Warning
thresholds which trigger the SMBA pin may be programmed for input and output voltage, current, power and
temperature via the PMBus interface. Additionally, the LM5066 is capable of detecting damage to the external
MOSFET, Q1.
Figure 1. Typical Application Circuit
Power Up Sequence
The VIN operating range of the LM5066 is 10V to 80V, with a transient capability to 100V. Referring to Figure 1
and Figure 2, as the voltage at VIN initially increases, the external N-channel MOSFET (Q1) is held off by an
internal 115 mA pull-down current at the GATE pin. The strong pull-down current at the GATE pin prevents an
inadvertent turn-on as the MOSFET’s gate-to-drain (Miller) capacitance is charged. Additionally, the TIMER pin is
initially held at ground. When the VIN voltage reaches the POR threshold the insertion time begins. During the
insertion time, the capacitor at the TIMER pin (CT) is charged by a 4.8 µA current source, and Q1 is held off by a
4.2 mA pull-down current at the GATE pin regardless of the input voltage. The insertion time delay allows ringing
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com