Electronic Components Datasheet Search
  English  ▼

X  

LM5066 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5066
Description  LM5066 High Voltage System Power Management and Protection IC with PMBus
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5066 Datasheet(HTML) 2 Page - Texas Instruments

  LM5066 Datasheet HTML 1Page - Texas Instruments LM5066 Datasheet HTML 2Page - Texas Instruments LM5066 Datasheet HTML 3Page - Texas Instruments LM5066 Datasheet HTML 4Page - Texas Instruments LM5066 Datasheet HTML 5Page - Texas Instruments LM5066 Datasheet HTML 6Page - Texas Instruments LM5066 Datasheet HTML 7Page - Texas Instruments LM5066 Datasheet HTML 8Page - Texas Instruments LM5066 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
10
9
8
11
12
1
2
3
4
5
7
6
FB
RETRY
NC
PWR
GATE
SENSE
VIN_K
NC
VIN
CL
PGD
OUT
UVLO/EN
TIMER
25
26
27
28
21
22
23
24
13
14
19
20
OVLO
AGND
SDAI
GND
SDAO
ADR2
ADR1
VDD
VAUX
ADR0
SMBA
SCL
18
17
16
15
VREF
DIODE
OUT
UVLO/EN
VIN
GATE
DIODE
R1
FB
OVLO
SDAI
SCL
PGD
SENSE
VDD
SMBus
Interface
SMBA
CL
RETRY
VAUX
VDD
VREF
TIMER
PWR
AGND
LM5066
Auxillary ADC Input
(0V ± 2.97V)
VOUT
COUT
RPG
VIN
1 PF
1 PF
RPWR
ADR2
ADR1
ADR0
VDD
N/C
N/C
VIN_K
GND
SDAO
RS
R2
R3
CTIMER
R4
R5
CIN
Z1
D1
Q2
Q1
LM5066
SNVS655G – JUNE 2011 – REVISED FEBRUARY 2013
www.ti.com
Typical Application Schematic
Connection Diagram
Solder exposed pad to ground.
Top View
28-Lead HTSSOP with
Exposed Pad
PIN DESCRIPTIONS
Pin
Name
Description
Applications Information
No.
Pad
Exposed Pad
Exposed pad of HTSSOP
Solder to the ground plane to reduce thermal resistance
package
1
OUT
Output feedback
Connect to the output rail (external MOSFET source). Internally used to determine
the MOSFET VDS voltage for power limiting, and to monitor the output voltage.
2
GATE
Gate drive output
Connect to the external MOSFET's gate.
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com