Electronic Components Datasheet Search
  English  ▼

X  

LP2998MRE Datasheet(PDF) 4 Page - Texas Instruments

Part # LP2998MRE
Description  LP2998 DDR-I and DDR-II Termination Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2998MRE Datasheet(HTML) 4 Page - Texas Instruments

  LP2998MRE Datasheet HTML 1Page - Texas Instruments LP2998MRE Datasheet HTML 2Page - Texas Instruments LP2998MRE Datasheet HTML 3Page - Texas Instruments LP2998MRE Datasheet HTML 4Page - Texas Instruments LP2998MRE Datasheet HTML 5Page - Texas Instruments LP2998MRE Datasheet HTML 6Page - Texas Instruments LP2998MRE Datasheet HTML 7Page - Texas Instruments LP2998MRE Datasheet HTML 8Page - Texas Instruments LP2998MRE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LP2998
SNVS521I – DECEMBER 2007 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C and limits in boldface type apply over the full Operating
Temperature Range (TJ = -40°C to +125°C)
(1). Unless otherwise specified, VIN = AVIN = PVIN = 2.5V.
Parameter
Test Conditions
Min
Typ
Max
Units
IOUT = 0A
VIN = VDDQ = 2.3V
1.120
1.159
1.190
V
VIN = VDDQ = 2.5V
1.210
1.259
1.290
V
VIN = VDDQ = 2.7V
1.320
1.359
1.390
V
VTT Output Voltage (DDR I)
(2)
IOUT = +/- 1.5A
VIN = VDDQ = 2.3V
1.125
1.159
1.190
V
VIN = VDDQ = 2.5V
1.225
1.259
1.290
V
VIN = VDDQ = 2.7V
1.325
1.359
1.390
V
IOUT = 0A, AVIN = 2.5V
PVIN = VDDQ = 1.7V
0.822
0.856
0.887
V
PVIN = VDDQ = 1.8V
0.874
0.908
0.939
V
PVIN = VDDQ = 1.9V
0.923
0.957
0.988
V
VTT Output Voltage (DDR II)
(2)
IOUT = +/- 0.5A, AVIN = 2.5V
PVIN = VDDQ = 1.7V
0.820
0.856
0.890
V
PVIN = VDDQ = 1.8V
0.870
0.908
0.940
V
VTT
PVIN = VDDQ = 1.9V
0.920
0.957
0.990
V
IOUT = 0A, AVIN = 2.5V
PVIN = VDDQ = 1.35V
0.656
0.677
0.698
V
PVIN = VDDQ = 1.5V
0.731
0.752
0.773
V
PVIN = VDDQ = 1.6V
0.781
0.802
0.823
V
IOUT = +0.2A, AVIN = 2.5V
0.667
0.688
0.710
V
PVIN = VDDQ = 1.35V
IOUT = -0.2A, AVIN = 2.5V
0.641
0.673
0.694
V
PVIN = VDDQ = 1.35V
VTT Output Voltage (DDR III)
(2)
IOUT = +0.4A, AVIN = 2.5V
0.740
0.763
0.786
V
PVIN = VDDQ = 1.5V
IOUT = -0.4A, AVIN = 2.5V
0.731
0.752
0.773
V
PVIN = VDDQ = 1.5V
IOUT = +0.5A, AVIN = 2.5V
0.790
0.813
0.836
V
PVIN = VDDQ = 1.6V
IOUT = -0.5A, AVIN = 2.5V
0.781
0.802
0.823
V
PVIN = VDDQ = 1.6V
VTT Output Voltage Offset (VREF – VTT) for DDR I
(3)
IOUT = 0A
-30
0
30
mV
IOUT = -1.5A
-30
0
30
mV
IOUT = +1.5A
-30
0
30
mV
VTT Output Voltage Offset (VREF – VTT) for DDR II
(3)
IOUT = 0A
-30
0
30
mV
IOUT = -0.5A
-30
0
30
mV
VOSVtt
IOUT = +0.5A
-30
0
30
mV
VTT Output Voltage Offset (VREF – VTT) for DDR III
(3)
IOUT = 0A
-30
0
30
mV
IOUT = ±0.2A
-30
0
30
mV
IOUT = ±0.4A
-30
0
30
mV
IOUT = ±0.5A
-30
0
30
mV
IQ
Quiescent Current (4)
IOUT = 0A
320
500
µA
ZVDDQ
VDDQ Input Impedance
100
k
Ω
ISD
Quiescent current in shutdown (4)
SD = 0V
115
150
µA
(2)
VTT load regulation is tested by using a 10 ms current pulse and measuring VTT.
(3)
VTT load regulation is tested by using a 10 ms current pulse and measuring VTT.
(4)
Quiescent current is defined as the current flow into AVIN.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP2998



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com