Electronic Components Datasheet Search
  English  ▼

X  

LP2998MRE Datasheet(PDF) 15 Page - Texas Instruments

Part # LP2998MRE
Description  LP2998 DDR-I and DDR-II Termination Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2998MRE Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP2998MRE Datasheet HTML 11Page - Texas Instruments LP2998MRE Datasheet HTML 12Page - Texas Instruments LP2998MRE Datasheet HTML 13Page - Texas Instruments LP2998MRE Datasheet HTML 14Page - Texas Instruments LP2998MRE Datasheet HTML 15Page - Texas Instruments LP2998MRE Datasheet HTML 16Page - Texas Instruments LP2998MRE Datasheet HTML 17Page - Texas Instruments LP2998MRE Datasheet HTML 18Page - Texas Instruments LP2998MRE Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
VTT
LP2998
PVIN
VDDQ
VREF
AVIN
VREF = 0.75V
VSENSE
GND
+
+
+
VDDQ = 1.5V
VDD = 2.5V
VTT = 0.75V
SD
SD
CIN
COUT
CREF
R1
LP2998
+
+
VDDQ
VDD
VTT
VTT
PVIN
VDDQ
GND
AVIN
VSENSE
COUT
CIN
R2
R1
LP2998
+
+
VDDQ
VDD
VTT
VTT
PVIN
VDDQ
GND
AVIN
VSENSE
COUT
CIN
R2
LP2998
www.ti.com
SNVS521I – DECEMBER 2007 – REVISED APRIL 2013
Figure 24. Increasing VTT by Level Shifting
Conversely, the R2 resistor can be placed between VSENSE and VDDQ to shift the VTT output lower than the
internal reference voltage of VDDQ/2. The equation relating to VTT and the resistors can be used as shown:
VTT = VDDQ/2 (1 - R1/R2)
(12)
Figure 25. Decreasing VTT by Level Shifting
HSTL APPLICATIONS
The LP2998 can be easily adapted for HSTL applications by connecting VDDQ to the 1.5V rail. This will produce a
VTT and VREF voltage of approximately 0.75V for the termination resistors. AVIN and PVIN should be connected
to a 2.5V rail for optimal performance.
Figure 26. HSTL Application
QDR APPLICATIONS
Quad data rate (QDR) applications utilize multiple channels for improved memory performance. However, this
increase in bus lines increases the current levels required for termination. The recommended approach in
terminating multiple channels is to use a dedicated LP2998 for each channel. This simplifies layout and reduces
the internal power dissipation for each regulator. Separate VREF signals can be used for each DIMM bank from
the corresponding regulator with the chipset reference provided by a local resistor divider or one of the LP2998
signals. Because VREF and VTT are expected to track and the part to part variations are minor, there should be
little difference between the reference signals of each LP2998.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP2998



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com