Electronic Components Datasheet Search
  English  ▼

X  

MPY534 Datasheet(PDF) 7 Page - Texas Instruments

Part # MPY534
Description  Precision ANALOG MULTIPLIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPY534 Datasheet(HTML) 7 Page - Texas Instruments

  MPY534 Datasheet HTML 1Page - Texas Instruments MPY534 Datasheet HTML 2Page - Texas Instruments MPY534 Datasheet HTML 3Page - Texas Instruments MPY534 Datasheet HTML 4Page - Texas Instruments MPY534 Datasheet HTML 5Page - Texas Instruments MPY534 Datasheet HTML 6Page - Texas Instruments MPY534 Datasheet HTML 7Page - Texas Instruments MPY534 Datasheet HTML 8Page - Texas Instruments MPY534 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
®
MPY534
7
Accuracy of the divider mode typically ranges from 0.75%
to 2.0% for a 10 to 1 denominator range depending on device
grade. Accuracy is primarily limited by input offset voltages
and can be significantly improved by trimming the offset of
the X input. A trim voltage of
±3.5mV applied to the “low
side” X input (X
2 for positive input voltages on X1) can
produce similar accuracies over a 100 to 1 denominator
range. To trim, apply a signal which varies from 100mV to
10V at a low frequency (less than 500Hz) to both inputs. An
offset sine wave or ramp is suitable. Since the ratio of the
quantities should be constant, the ideal output would be a
constant 10V. Using AC coupling on an oscilloscope, adjust
the offset control for minimum output voltage variation.
SQUARE-ROOTER
A square-rooter connection is shown in Figure 5. Input
voltage is limited to one polarity (positive for the connection
shown). The diode prevents circuit latch-up should the input
go negative. The circuit can be configured for negative input
and positive output by reversing the polarity of both the X
and Y inputs. The output polarity can be reversed by revers-
ing the diode and X input polarity. A load resistance of
approximately 10k
Ω must be provided. Trimming for im-
proved accuracy would be accomplished at the Z input.
FIGURE 4. Basic Divider Connection.
FIGURE 5. Square-Rooter Connection.
FIGURE 6. Difference-of-Squares.
APPLICATIONS
FIGURE 7. Voltage-Controlled Amplifier.
FIGURE 8. Sine-Function Generator.
MPY534
X
1
+V
S
X
2
Out
SF
Z
1
Y
1
Z
2
Y
2
–V
S
–15V
+15V
4.7k
Ω
4.3k
Ω
3k
Ω
10k
Ω
18k
Ω
V
OUT = (10V) sin
Where
= (
π/2) (E /10V)
θ
θ
θ
Input, E
0 to +10V
θ
MPY534
X
1
+V
S
X
2
Out
SF
Z
1
Y
1
Z
2
Y
2
–V
S
–V
S
–15V
+15V
2k
Ω
E
S, ±5V PK
39k
Ω
1k
Ω
V
OUT = ±12V PK
= (E
C ES)/0.1V
0.005µF
1k
Ω
Signal Input,
E
C, Zero to ±5V
Control Input,
Set
Gain
NOTES: (1) Gain is X10 per volt of E
C, zero to X50. (2) Wideband
(10Hz to 30Hz) output noise is 3mVrms, typ, corresponding to a FS
S/N ratio of 70dB. (3) Noise referred to signal input, with E
C = ±5V,
is 60µVrms, typ. (4) Bandwidth is DC to 20kHz, –3dB, indepedent
of gain.
MPY534
X
1
+V
S
X
2
Out
SF
Z
1
Y
1
Z
2
Y
2
–V
S
–15V
+15V
Optional
Summing Input
±10V PK
X Input
(Denominator)
±10V FS
±12V PK
Z Input
(Numerator)
±10V FS,
±12V PK
+
–
(X
1 – X2)
V
OUT =
+ Y
1
10V(Z
2 – Z1)
Output, ±12V PK
MPY634
X
1
+V
S
X
2
Out
SF
Z
1
Y
1
Z
2
Y
2
–V
S
–15V
+15V
Z Input
10V FS
12V PK
V
OUT =
10V(Z
2 – Z1) + X2
Output, ±12V PK
R
L
(Must be
Provided)
Reverse
this and
X inputs
for
Negative
Outputs
Optional
Summing
Input, X,
±10V PK
1k
Ω
400pF
MPY534
X
1
+V
S
X
2
Out
SF
Z
1
Y
1
Z
2
Y
2
–V
S
10k
Ω
–15V
+15V
V
OUT = (A
2 – B2)/10V
10k
Ω
A
B
(A + B)
2
30k
Ω
10k
Ω
A – B
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com