Electronic Components Datasheet Search
  English  ▼

X  

MPY534 Datasheet(PDF) 1 Page - Texas Instruments

Part # MPY534
Description  Precision ANALOG MULTIPLIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPY534 Datasheet(HTML) 1 Page - Texas Instruments

  MPY534 Datasheet HTML 1Page - Texas Instruments MPY534 Datasheet HTML 2Page - Texas Instruments MPY534 Datasheet HTML 3Page - Texas Instruments MPY534 Datasheet HTML 4Page - Texas Instruments MPY534 Datasheet HTML 5Page - Texas Instruments MPY534 Datasheet HTML 6Page - Texas Instruments MPY534 Datasheet HTML 7Page - Texas Instruments MPY534 Datasheet HTML 8Page - Texas Instruments MPY534 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
q
±0.25% max 4-QUADRANT ACCURACY
q WIDE BANDWIDTH: 1MHz min,
3MHz typ
q ADJUSTABLE SCALE FACTOR
q STABLE AND RELIABLE MONOLITHIC
CONSTRUCTION
q LOW COST
MPY534
Precision
ANALOG MULTIPLIER
DESCRIPTION
The MPY534 is a high accuracy, general purpose
four-quadrant analog multiplier. Its accurately laser
trimmed transfer characteristics make it easy to use in
a wide variety of applications with a minimum of
external parts and trimming circuitry. Its differential
X, Y and Z inputs allow configuration as multiplier,
squarer, divider, square-rooter and other functions
while maintaining high accuracy.
The wide bandwidth of this new design allows accu-
rate signal processing at higher frequencies suitable
for video signal processing. It is capable of performing
IF and RF frequency mixing, modulation and demodu-
lation with excellent carrier rejection and very simple
feedthrough adjustment.
An accurate internal voltage reference provides pre-
cise setting of the scale factor. The differential Z input
allows user selected scale factors from 0.1 to 10 using
external feedback resistors.
APPLICATIONS
q PRECISION ANALOG SIGNAL
PROCESSING
q VIDEO SIGNAL PROCESSING
q VOLTAGE CONTROLLED FILTERS AND
OSCILLATORS
q MODULATION AND DEMODULATION
q RATIO AND PERCENTAGE COMPUTATION
V-I
Voltage
Reference
and Bias
Multiplier
Core
V-I
V-I
0.75 Attenuator
A
SF
X
1
X
2
Y
1
Y
2
Z
1
Z
2
+V
S
–V
S
V
OUT
Precision
Output
Op Amp
Transfer Function
(X
1 – X2) (Y1 – Y2)
SF
V
OUT = A
– (Z
1 – Z2)
®
International Airport Industrial Park
•
Mailing Address: PO Box 11400
•
Tucson, AZ 85734
•
Street Address: 6730 S. Tucson Blvd.
•
Tucson, AZ 85706
Tel: (520) 746-1111
•
Twx: 910-952-1111
•
Cable: BBRCORP
•
Telex: 066-6491
•
FAX: (520) 889-1510
•
Immediate Product Info: (800) 548-6132
©1985 Burr-Brown Corporation
PDS-614D
Printed in U.S.A. October, 1993
SBFS016


Similar Part No. - MPY534

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPY534 BURR-BROWN-MPY534 Datasheet
116Kb / 8P
Precision ANALOG MULTIPLIER
MPY534J BURR-BROWN-MPY534J Datasheet
116Kb / 8P
Precision ANALOG MULTIPLIER
MPY534K BURR-BROWN-MPY534K Datasheet
116Kb / 8P
Precision ANALOG MULTIPLIER
MPY534L BURR-BROWN-MPY534L Datasheet
116Kb / 8P
Precision ANALOG MULTIPLIER
MPY534S BURR-BROWN-MPY534S Datasheet
116Kb / 8P
Precision ANALOG MULTIPLIER
More results

Similar Description - MPY534

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
ANALOG MULTIPLIER
logo
Fairchild Semiconductor
RC4200 FAIRCHILD-RC4200 Datasheet
206Kb / 23P
Analog Multiplier
logo
Burr-Brown (TI)
MPY534 BURR-BROWN-MPY534 Datasheet
116Kb / 8P
Precision ANALOG MULTIPLIER
MPY634 BURR-BROWN-MPY634 Datasheet
122Kb / 8P
Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
PhaseLink Corporation
PL560-08 PLL-PL560-08 Datasheet
500Kb / 15P
Analog Frequency Multiplier
PL560-XX PLL-PL560-XX Datasheet
887Kb / 15P
Analog Frequency Multiplier
logo
Texas Instruments
MPY634 TI1-MPY634_16 Datasheet
889Kb / 17P
Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Micrel Semiconductor
PL565-68 MICREL-PL565-68 Datasheet
558Kb / 12P
Analog Frequency Multiplier
PL560-37 MICREL-PL560-37 Datasheet
757Kb / 15P
Analog Frequency Multiplier
PL560-08 MICREL-PL560-08_12 Datasheet
552Kb / 12P
Analog Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com