Electronic Components Datasheet Search
  English  ▼

X  

OPA376 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA376
Description  Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA376 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA376 Datasheet HTML 8Page - Texas Instruments OPA376 Datasheet HTML 9Page - Texas Instruments OPA376 Datasheet HTML 10Page - Texas Instruments OPA376 Datasheet HTML 11Page - Texas Instruments OPA376 Datasheet HTML 12Page - Texas Instruments OPA376 Datasheet HTML 13Page - Texas Instruments OPA376 Datasheet HTML 14Page - Texas Instruments OPA376 Datasheet HTML 15Page - Texas Instruments OPA376 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
OPA2376YZD
WCSP-8EnlargedImage
TopView
(bumpsidedown)
PackageMarkingCode:
YMD=year/month/day
CGL=indicatesOPA2376YZD
S=forengineeringpurposesonly
ActualSize:
ExactSize:
1.150mmx2.188mm
C
1
0.1 F
m
R
100W
1
(1)
+5V
V
IN
ADS8327
LowPower
16-Bit
500kSPS
C
3
(1)
1.2nF
C4
100nF
+5V
REFIN
-IN
+IN
REF5040
4.096V
+5V
OPA376
OPA2376YZD
TopView
(bumpsidedown)
NottoScale
WCSP-8
D2
C2
B2
A2
D1
C1
B1
A1
+INB
-INB
OUTB
V+
V-
+INA
-IN A
OUTA
OPA376
OPA2376
OPA4376
SBOS406F – JUNE 2007 – REVISED MARCH 2013
www.ti.com
OPA2376 WCSP PACKAGE
should
be
expected.
Fluorescent
lighting
may
introduce noise or hum because of the time-varying
The OPA2376YZD is a lead- (PB-) free, die-level,
light output. Best layout practices include end-product
wafer chip-scale package (WCSP). Unlike devices
packaging that provides shielding from possible light
that are in plastic packages, these devices have no
sources during operation.
molding compound, lead frame, wire bonds, or leads.
Using standard surface-mount assembly procedures,
DRIVING AN ANALOG-TO-DIGITAL
the WCSP can be mounted to a PCB without
CONVERTER
additional underfill. Figure 27 and Figure 28 detail the
pinout and package marking. See the NanoStar™
The low noise and wide gain bandwidth of the
and
NanoFree™
300μm
Solder
Bump
WCSP
OPA376 family make it an ideal driver for ADCs.
Application
Note
(SBVA017)
for
more
detailed
Figure
29
illustrates
the
OPA376
driving
an
information on package characteristics and PCB
ADS8327, 16-bit, 250kSPS converter. The amplifier is
design.
connected as a unity-gain, noninverting buffer.
Figure 27. Pin Description
NOTE: (1) Suggested value; may require adjustment based on
specific application.
Figure 29. Driving an ADS8327
PHANTOM-POWERED MICROPHONE
The circuit shown in Figure 30 depicts how a remote
microphone amplifier can be powered by a phantom
source on the output side of the signal cable. The
cable
serves
double
duty,
carrying
both
the
Figure 28. Top View Package Marking
differential output signal from and dc power to the
microphone amplifier stage.
An OPA2376 serves as a single-ended input to a
PHOTOSENSITIVITY
differential output amplifier with a 6dB gain. Common-
Although the OPA2376YZD package has a protective
mode bias for the two op amps is provided by the dc
backside coating that reduces the amount of light
voltage developed across the electret microphone
exposure on the die, unless fully shielded, ambient
element. A 48V phantom supply is reduced to 5.1V
light can reach the active region of the device. Input
by the series 6.8k
Ω resistors on the output side of the
bias current for the package is specified in the
cable, and the 4.7k
Ω and zener diode on the input
absence of light. Depending on the amount of light
side of the cable. AC coupling blocks the different dc
exposure in a given application, an increase in bias
voltage levels from each other on each end of the
current, and possible increases in offset voltage
cable.
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: OPA376 OPA2376 OPA4376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com