Electronic Components Datasheet Search
  English  ▼

X  

OPA376 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA376
Description  Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA376 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA376 Datasheet HTML 9Page - Texas Instruments OPA376 Datasheet HTML 10Page - Texas Instruments OPA376 Datasheet HTML 11Page - Texas Instruments OPA376 Datasheet HTML 12Page - Texas Instruments OPA376 Datasheet HTML 13Page - Texas Instruments OPA376 Datasheet HTML 14Page - Texas Instruments OPA376 Datasheet HTML 15Page - Texas Instruments OPA376 Datasheet HTML 16Page - Texas Instruments OPA376 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
C
3
33pF
V+
GND
3
1
8
4
5
6
7
-IN
+IN
2
C
2
DCLOCK
Serial
Interface
1000pF
R
1
1.5kW
R
4
20kW
R
5
20kW
R
6
100kW
R
8
150kW
R
9
510kW
R
7
51kW
D
OUT
V
REF
V+=+2.7Vto5V
CS/SHDN
C
1
1000pF
Electret
Microphone
(1)
G=100
Passband300Hzto3kHz
R
3
1MW
R
2
1MW
ADS7822
12-BitA/D
1/2
OPA2376
1/2
OPA2376
+
100W
R
6
100W
1kW
1kW
1/2
OPA2376
1/2
OPA2376
10mF
10mF
C
2
33 F
m
10 F
m
10kW
+
R
1
2.7kW
R
9
4.7kW
R
8
4.7kW
33 F
m
D
1
5.1V
2
R
7
100W
C
3
33 F
m
3
2
3
1
1
R
G
R
10
6.8kW
R
11
6.8kW
3.3kW
3.3kW
PhantomPower
(Providespowersourceformicrophone)
48V
1 F
m
INA163
-
15V
+15V
Microphone
Typicalmicrophoneinputcircuitusedinmixingconsoles.
Low-leveldifferentialaudiosignal
istransmitteddifferentiallyonthe
samecableaspowertothemicrophone.
Panasonic
WM-034CY
OPA376
OPA2376
OPA4376
www.ti.com
SBOS406F – JUNE 2007 – REVISED MARCH 2013
An
INA163
instrumentation
amplifier
provides
The INA163 gain may be set from 0dB to 80dB by
differential inputs and receives the balanced audio
selecting the RG value. The INA163 circuit is typical
signals from the cable.
of the input circuitry used in mixing consoles.
Figure 30. Phantom-Powered Electret Microphone
NOTE: (1) Electret microphone powered by R1.
Figure 31. OPA2376 as a Speech Bandpass Filtered Data Acquisition System
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA376 OPA2376 OPA4376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com