Electronic Components Datasheet Search
  English  ▼

X  

LM2576 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2576
Description  LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2576 Datasheet(HTML) 5 Page - Texas Instruments

  LM2576 Datasheet HTML 1Page - Texas Instruments LM2576 Datasheet HTML 2Page - Texas Instruments LM2576 Datasheet HTML 3Page - Texas Instruments LM2576 Datasheet HTML 4Page - Texas Instruments LM2576 Datasheet HTML 5Page - Texas Instruments LM2576 Datasheet HTML 6Page - Texas Instruments LM2576 Datasheet HTML 7Page - Texas Instruments LM2576 Datasheet HTML 8Page - Texas Instruments LM2576 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LM2576, LM2576HV
www.ti.com
SNVS107C – JUNE 1999 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS LM2576-15, LM2576HV-15
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating Temperature
Range.
LM2576-15
Units
LM2576HV-15
Symbol
Parameter
Conditions
(Limits)
Typ
Limit (1)
SYSTEM PARAMETERS Test Circuit Figure 21 and Figure 22(2)
VOUT
Output Voltage
VIN = 25V, ILOAD = 0.5A
15
V
Circuit of Figure 21 and Figure 22
14.70
V(Min)
15.30
V(Max)
VOUT
Output Voltage
0.5A
≤ ILOAD ≤ 3A,
15
V
LM2576
18V
≤ VIN ≤ 40V
14.40/14.25
V(Min)
Circuit of Figure 21 and Figure 22
15.60/15.75
V(Max)
VOUT
Output Voltage
0.5A
≤ ILOAD ≤ 3A,
15
V
LM2576HV
18V
≤ VIN ≤ 60V
14.40/14.25
V(Min)
Circuit of Figure 21 and Figure 22
15.68/15.83
V(Max)
η
Efficiency
VIN = 18V, ILOAD = 3A
88
%
(1)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods.
(2)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2576/LM2576HV is used as shown in Figure 21 and Figure 22, system performance will be as shown in ELECTRICAL
CHARACTERISTICS ALL OUTPUT VOLTAGE VERSIONS.
ELECTRICAL CHARACTERISTICS LM2576-ADJ, LM2576HV-ADJ
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating Temperature
Range.
LM2576-ADJ
Units
LM2576HV-ADJ
Symbol
Parameter
Conditions
(Limits)
Typ
Limit (1)
SYSTEM PARAMETERS Test Circuit Figure 21 and Figure 22(2)
VOUT
Feedback Voltage
VIN = 12V, ILOAD = 0.5A
1.230
V
VOUT = 5V,
1.217
V(Min)
Circuit of Figure 21 and Figure 22
1.243
V(Max)
VOUT
Feedback Voltage
0.5A
≤ ILOAD ≤ 3A,
1.230
V
LM2576
8V
≤ VIN ≤ 40V
1.193/1.180
V(Min)
VOUT = 5V, Circuit of Figure 21 and Figure 22
1.267/1.280
V(Max)
VOUT
Feedback Voltage
0.5A
≤ ILOAD ≤ 3A,
1.230
V
LM2576HV
8V
≤ VIN ≤ 60V
1.193/1.180
V(Min)
VOUT = 5V, Circuit of Figure 21 and Figure 22
1.273/1.286
V(Max)
η
Efficiency
VIN = 12V, ILOAD = 3A, VOUT = 5V
77
%
(1)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods.
(2)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2576/LM2576HV is used as shown in Figure 21 and Figure 22, system performance will be as shown in ELECTRICAL
CHARACTERISTICS ALL OUTPUT VOLTAGE VERSIONS.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2576 LM2576HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com