| Electronic Components Datasheet Search |
|
EP3C80 Datasheet(PDF) 41 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP3C80 Datasheet(HTML) 41 Page - Altera Corporation |
|
41 / 274 page ![]() Chapter 3: Memory Blocks in the Cyclone III Device Family 3–7 Memory Modes December 2011 Altera Corporation Cyclone III Device Handbook Volume 1 Asynchronous Clear The Cyclone III device family supports asynchronous clears for read address registers, output registers, and output latches only. Input registers other than read address registers are not supported. When applied to output registers, the asynchronous clear signal clears the output registers and the effects are immediately seen. If your RAM does not use output registers, you can still clear the RAM outputs using the output latch asynchronous clear feature. 1 Asserting asynchronous clear to the read address register during a read operation might corrupt the memory content. Figure 3–6 shows the functional waveform for the asynchronous clear feature. 1 You can selectively enable asynchronous clears per logical memory using the Quartus II RAM MegaWizard™ Plug-In Manager. f For more information, refer to the Internal Memory (RAM and ROM) User Guide. There are three ways to reset registers in the M9K blocks: ■ Power up the device ■ Use the aclr signal for output register only ■ Assert the device-wide reset signal using the DEV_CLRn option Memory Modes Cyclone III device family M9K memory blocks allow you to implement fully-synchronous SRAM memory in multiple modes of operation. Cyclone III device family M9K memory blocks do not support asynchronous (unregistered) memory inputs. M9K memory blocks support the following modes: ■ Single-port ■ Simple dual-port ■ True dual-port ■ Shift-register ■ ROM ■ FIFO Figure 3–6. Output Latch Asynchronous Clear Waveform aclr aclr at latch clk q a1 a0 a1 a2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |