| Electronic Components Datasheet Search |
|
AD7874 Datasheet(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7874 Datasheet(HTML) 10 Page - Analog Devices |
|
10 / 16 page ![]() AD7874 REV. C –10– MICROPROCESSOR INTERFACING The AD7874 high speed bus timing allows direct interfacing to DSP processors as well as modern 16-bit microprocessors. Suitable microprocessor interfaces are shown in Figures 12 through 16. AD7874–ADSP-2100 Interface Figure 12 shows an interface between the AD7874 and the ADSP-2100. Conversion is initiated using a timer which allows very accurate control of the sampling instant on all four chan- nels. The AD7874 INT line provides an interrupt to the ADSP- 2100 when conversion is completed on all four channels. The four conversion results can then be read from the AD7874 using four successive reads to the same memory address. The follow- ing instruction reads one of the four results (this instruction is repeated four times to read all four results in sequence): MR0 = DM(ADC) where MR0 is the ADSP-2100 MR0 register and ADC is the AD7874 address. TIMER DMA0 DMA13 DMD15 DMD0 DMS EN ADDR DECODE ADDRESS BUS ADSP-2100 (ADSP-2101/ ADSP-2102) * ADDITIONAL PINS OMITTED FOR CLARITY DATA BUS CONVST CS DB11 DB0 RD INT AD7874* IRQn DMRD (RD) Figure 12. AD7874–ADSP-2100 Interface AD7874–ADSP-2101/ADSP-2102 Interface The interface outlined in Figure 12 also forms the basis for an interface between the AD7874 and the ADSP-2101/ADSP-2102. The READ line of the ADSP-2101/ADSP-2102 is labeled RD. In this interface, the RD pulse width of the processor can be programmed using the Data Memory Wait State Control Regis- ter. The instruction used to read one of the four results is as outlined for the ADSP-2100. AD7874–TMS32010 Interface An interface between the AD7874 and the TMS32010 is shown in Figure 13. Once again the conversion is initiated using an ex- ternal timer and the TMS32010 is interrupted when all four conversions have been completed. The following instruction is used to read the conversion results from the AD7874: IN D,ADC where D is Data Memory address and ADC is the AD7874 address. PA0 PA2 D15 D0 MEN EN ADDR DECODE ADDRESS BUS TIMER DATA BUS CONVST CS DB11 DB0 RD INT AD7874* TMS32010 *ADDITIONAL PINS OMITTED FOR CLARITY INT DEN Figure 13. AD7874–TMS32010 Interface AD7874–TMS320C25 Interface Figure 14 shows an interface between the AD7874 and the TMS320C25. As with the two previous interfaces, conversion is initiated with a timer and the processor is interrupted when the conversion sequence is completed. The TMS320C25 does not have a separate RD output to drive the AD7874 RD input di- rectly. This has to be generated from the processor STRB and R/W outputs with the addition of some logic gates. The RD sig- nal is OR-gated with the MSC signal to provide the one WAIT state required in the read cycle for correct interface timing. Conversion results are read from the AD7874 using the follow- ing instruction: IN D,ADC where D is Data Memory address and ADC is the AD7874 address. A0 A15 D15 D0 IS EN ADDR DECODE ADDRESS BUS TIMER DATA BUS CONVST CS DB11 DB0 RD INT AD7874* TMS320C25 *ADDITIONAL PINS OMITTED FOR CLARITY INTn R/W STRB MSC READY Figure 14. AD7874–TMS320C25 Interface |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |