Electronic Components Datasheet Search
  English  ▼

X  

AD7874 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7874
Description  LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7874 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7874 Datasheet HTML 7Page - Analog Devices AD7874 Datasheet HTML 8Page - Analog Devices AD7874 Datasheet HTML 9Page - Analog Devices AD7874 Datasheet HTML 10Page - Analog Devices AD7874 Datasheet HTML 11Page - Analog Devices AD7874 Datasheet HTML 12Page - Analog Devices AD7874 Datasheet HTML 13Page - Analog Devices AD7874 Datasheet HTML 14Page - Analog Devices AD7874 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD7874
REV. C
–11–
Some applications may require that the conversion is initiated
by the microprocessor rather than an external timer. One option
is to decode the AD7874 CONVST from the address bus so
that a write operation starts a conversion. Data is read at the
end of the conversion sequence as before. Figure 16 shows an
example of initiating conversion using this method. Note that
for all interfaces, a read operation should not be attempted dur-
ing conversion.
AD7874–MC68000 Interface
An interface between the AD7874 and the MC68000 is shown
in Figure 15. As before, conversion is initiated using an external
timer. The AD7874 INT line can be used to interrupt the pro-
cessor or, alternatively, software delays can ensure that conver-
sion has been completed before a read to the AD7874 is
attempted. Because of the nature of its interrupts, the 68000
requires additional logic (not shown in Figure 15) to allow it to
be interrupted correctly. For further information on 68000 in-
terrupts, consult the 68000 users manual.
The MC68000 AS and R/W outputs are used to generate a
separate RD input signal for the AD7874. CS is used to drive
the 68000 DTACK input to allow the processor to execute a
normal read operation to the AD7874. The conversion results
are read using the following 68000 instruction:
MOVE.W ADC,D0
where D0 is the 68000 D0 register and
ADC is the AD7874 address.
A0
A15
D15
D0
ADDR
DECODE
ADDRESS BUS
DATA BUS
CONVST
CS
DB11
DB0
RD
AD7874*
MC68000
*ADDITIONAL PINS OMITTED FOR CLARITY
R/W
AS
EN
DTACK
TIMER
Figure 15. AD7874–MC68000 Interface
AD7874–8086 Interface
Figure 16 shows an interface between the AD7874 and the 8086
microprocessor. Unlike the previous interface examples, the
microprocessor initiates conversion. This is achieved by gating
the 8086 WR signal with a decoded address output (different to
the AD7874 CS address). The AD7874 INT line is used to in-
terrupt the microprocessor when the conversion sequence is
completed. Data is read from the AD7874 using the following
instruction:
MOV AX,ADC
where AX is the 8086 accumulator and
ADC is the AD7874 address.
ALE
AD15
AD0
ADDR
DECODE
ADDRESS BUS
ADDRESS/DATA BUS
CONVST
CS
DB11
DB0
RD
AD7874*
8086
*ADDITIONAL PINS OMITTED FOR CLARITY
WR
RD
LATCH
Figure 16. AD7874–8086 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com